Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 28 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 24Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 25Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 26Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 27Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 28Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 29Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 30Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 31Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
Data
IDLE
Data
(J/K)
(TR)
T2.27.4
T2.27.1
T2.27.5
T2.27.3
T2.27.2
T2.27.2
T2.27.2
T2.27.2
PMD Input
Pair
X1
RX_DV
CRS_DV
RXD[1:0]
RX_ER
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
4.31 AC Specifications — RMII Receive Timing
(1) (2) (3) (4)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.27.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.27.2
RXD[1:0], CRS_DV, RX_DV and
2
14
ns
RX_ER output delay from X1 rising
T2.27.3
CRS ON delay (100Mb)(5)
100BASE-TX mode
18.5
bits
100BASE-FX mode
9
T2.27.4
CRS OFF delay (100Mb)
100BASE-TX mode
27
bits
100BASE-FX mode
17
T2.27.5
RXD[1:0] and RX_ER latency
100BASE-TX mode
38
bits
(100Mb)
100BASE-FX mode
27
(1)
Per the RMII Specification, output delays assume a 25pF load.
(2)
CRS_DV is asserted asynchronously in order to minimize latency of control signals through the Phy. CRS_DV may toggle
synchronously at the end of the packet to indicate CRS deassertion.
(3)
RX_DV is synchronous to X1. While not part of the RMII specification, this signal is provided to simplify recovery of receive data.
(4)
Receive Latency is measured from the first bit of the symbol pair on the PMD Receive Pair. Typical values are with the Elasticity Buffer
set to the default value (01).
(5)
CRS ON delay is measured from the first bit of the JK symbol on the PMD Receive Pair to initial assertion of CRS_DV.
28
Electrical Specifications
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com