Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 1 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 1 Page - Texas Instruments

  DP83849IFVS/NOPB.A Datasheet HTML 1Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 2Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 3Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 4Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 5Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 6Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 7Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 8Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible
Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
Check for Samples: DP83849IF
1
Introduction
• IEEE 802.3u MII
1.1
Features
• IEEE 802.3u Auto-Negotiation and Parallel
123
• Low-Power 3.3V, 0.18µm CMOS Technology
Detection
• Low Power Consumption <600mW Typical
• IEEE 802.3u ENDEC, 10BASE-T Transceivers
• 3.3V MAC Interface
and Filters
• Auto-MDIX for 10/100 Mb/s
• IEEE 802.3u PCS, 100BASE-TX Transceivers
• Energy Detection Mode
and Filters
• Flexible MII Port Assignment
• IEEE 802.3u 100BASE-FX Fiber Interface
• Dynamic Integrity Utility
• IEEE 1149.1 JTAG
• Dynamic Link Quality Monitoring
• Integrated ANSI X3.263 Compliant TP-PMD
Physical Sub-Layer with Adaptive Equalization
• TDR based Cable Diagnostic and Cable Length
and Baseline Wander Compensation
Detection
• Programmable LED Support for Link, 10 /100
• Optimized Latency for Real Time Ethernet
Mb/s Mode, Activity, Duplex and Collision
Operation
Detect
• Reference Clock Out
• Single Register Access for Complete PHY
• RMII Rev. 1.2 Interface (Configurable)
Status
• SNI Interface (Configurable)
• 10/100 Mb/s Packet BIST (Built in Self Test)
• MII Serial Management Interface (MDC and
• 80-pin TQFP Package (12mm x 12mm)
MDIO)
1.2
Applications
•
Medical Instrumentation
•
Factory Automation
•
Motor & Motion Control
•
Wireless Remote Base Station
•
General Embedded Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PHYTER is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2009–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - DP83849IFVS/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83849IFVS/NOPB.A TI2-DP83849IFVS/NOPB.A Datasheet
1Mb / 108P
DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
REVISED APRIL 2013
More results

Similar Description - DP83849IFVS/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849I NSC-DP83849I Datasheet
3Mb / 106P
DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF Datasheet
3Mb / 108P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF_06 Datasheet
3Mb / 108P
DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849I NSC-DP83849I_08 Datasheet
3Mb / 106P
PHYTER짰 DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID_08 Datasheet
3Mb / 98P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF_08 Datasheet
1Mb / 90P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
logo
Texas Instruments
DP83849IF TI1-DP83849IF_14 Datasheet
1Mb / 104P
PHYTER??DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
DP83849I TI1-DP83849I_15 Datasheet
1Mb / 98P
DP83849I PHYTER DUAL Industrial Temperature With Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF TI1-DP83849IF_15 Datasheet
1Mb / 105P
DP83849IF PHYTER DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com