Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 95 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 95 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 91Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 92Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 93Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 94Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 95Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 96Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 97Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 98Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
10.3.4
TDR Window Register (TDR_WIN), Page 2, address 17h
This register contains sample window control for the Time Domain Reflectometry (TDR) cable diagnostics.
The two values contained in this register specify the beginning and end times for the window to monitor
the response to the transmitted pulse. Time values are in 8ns increments. This provides a method to
search for multiple responses and also to screen out the initial outgoing pulse.
Table 10-29. TDR Window Register (TDR_WIN), address 17h
Bit
Bit Name
Default
Description
15:8
TDR_START
0, RW
TDR Start Window:
Specifies start time for monitoring TDR response.
7:0
TDR_STOP
0xFF, RW
TDR Stop Window:
Specifies stop time for monitoring TDR response. The Stop Window
should be set to a value greater than or equal to the Start Window.
10.3.5
TDR Peak Register (TDR_PEAK), Page 2, address 18h
This register contains the results of the TDR Peak Detection. Results are valid if the TDR_CTRL[11] is
clear following sending the TDR pulse.
Table 10-30. TDR Peak Register (TDR_PEAK), address 18h
Bit
Bit Name
Default
Description
15:14
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
13:8
TDR_PEAK
0, RO
TDR Peak Value:
This register contains the peak value measured during the TDR sample
window. If Min Mode control (TDR_CTRL[7]) is 0, this contains the
maximum detected value. If Min Mode control is 1, this contains the
minimum detected value.
7:0
TDR_PEAK_TIME
0, RO
TDR Peak Time:
Specifies the time for the first occurrence of the peak value.
10.3.6
TDR Threshold Register (TDR_THR), Page 2, address 19h
This register contains the results of the TDR Threshold Detection. Results are valid if the TDR_CTRL[11]
is clear following sending the TDR pulse.
Table 10-31. TDR Threshold Register (TDR_THR), address 19h
Bit
Bit Name
Default
Description
15:9
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
8
TDR_THR_MET
0, RO
TDR Threshold Met:
This bit indicates the TDR threshold was met during the sample window. A
value of 0 indicates the threshold was not met.
7:0
TDR_THR_TIME
0, RO
TDR Threshold Time:
Specifies the time for the first data that met the TDR threshold. This field is
only valid if the threshold was met.
Copyright © 2009–2013, Texas Instruments Incorporated
Register Block
95
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com