Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 63 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 63 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 59Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 60Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 61Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 62Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 63Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 64Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 65Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 66Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
Pin 31 (PFBOUT)
Pin 7 (PFBIN1)
Pin 28 (PFBIN2)
Pin34 (PFBIN3)
Pin 54 (PFBIN4)
0.1 PF
10 PF
0.1 PF
0.1 PF
0.1 PF
0.1 PF
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
8.5
POWER FEEDBACK CIRCUIT
To ensure correct operation for the DP83849IF, parallel caps with values of 10 µF and 0.1 µF should be
placed close to pin 31 (PFBOUT) of the device. Pin 7 (PFBIN1), pin 28 (PFBIN2), pin 34 (PFBIN3) and
pin 54 (PFBIN4) must be connected to pin 31 (PFBOUT), each pin requires a small capacitor (.1 µF). See
Figure 8-4 below for proper connections.
Figure 8-4. Power Feedback Connection
8.6
POWER DOWN/INTERRUPT
The Power Down and Interrupt functions are multiplexed on pin 18 and pin 44 of the device. By default,
this pin functions as a power down input and the interrupt function is disabled. Setting bit 0 (INT_OE) of
MICR (11h) will configure the pin as an active low interrupt output. Ports A and B can be powered down
individually, using the separate PWRDOWN_INT_A and PWRDOWN_INT_B pins.
8.6.1
Power Down Control Mode
The PWRDOWN_INT pins can be asserted low to put the device in a Power Down mode. This is
equivalent to setting bit 11 (Power Down) in the Basic Mode Control Register, BMCR (00h). An external
control signal can be used to drive the pin low, overcoming the weak internal pull-up resistor. Alternatively,
the device can be configured to initialize into a Power Down state by use of an external pull-down resistor
on the PWRDOWN_INT pin. Since the device will still respond to management register accesses, setting
the INT_OE bit in the MICR register will disable the PWRDOWN_INT input, allowing the device to exit the
Power Down state.
8.6.2
Interrupt Mechanisms
Since each port has a separate interrupt pin, the interrupts can be connected individually or may be
combined in a wired-OR fashion. If the interrupts share a single connection, each port status should be
checked following an interrupt.
The interrupt function is controlled via register access. All interrupt sources are disabled by default. Setting
bit 1 (INTEN) of MICR (11h) will enable interrupts to be output, dependent on the interrupt mask set in the
lower byte of the MISR (12h). The PWRDOWN_INT pin is asynchronously asserted low when an interrupt
condition occurs. The source of the interrupt can be determined by reading the upper byte of the MISR.
One or more bits in the MISR will be set, denoting all currently pending interrupts. Reading of the MISR
clears ALL pending interrupts.
Copyright © 2009–2013, Texas Instruments Incorporated
Design Guidelines
63
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com