Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 75 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 75 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 71Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 72Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 73Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 74Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 75Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 76Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 77Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 78Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
10.1.2 Basic Mode Status Register (BMSR)
Table 10-4. Basic Mode Status Register (BMSR), address 01h
Bit
Bit Name
Default
Description
15
100BASE-T4
0, RO/P
100BASE-T4 Capable:
0 = Device not able to perform 100BASE-T4 mode.
14
100BASE-TX
1, RO/P
100BASE-TX Full Duplex Capable:
FULL DUPLEX
1 = Device able to perform 100BASE-TX in full duplex mode.
13
100BASE-TX
1, RO/P
100BASE-TX Half Duplex Capable:
HALF DUPLEX
1 = Device able to perform 100BASE-TX in half duplex mode.
12
10BASE-T
1, RO/P
10BASE-T Full Duplex Capable:
FULL DUPLEX
1 = Device able to perform 10BASE-T in full duplex mode.
11
10BASE-T
1, RO/P
10BASE-T Half Duplex Capable:
HALF DUPLEX
1 = Device able to perform 10BASE-T in half duplex mode.
10:7
RESERVED
0, RO
RESERVED: Write as 0, read as 0.
6
MF PREAMBLE
1, RO/P
Preamble suppression Capable:
SUPPRESSION
1 = Device able to perform management transaction with preamble suppressed, 32-bits of
preamble needed only once after reset, invalid opcode or invalid turnaround.
0 = Normal management operation.
5
AUTO-NEGOTIATION
0, RO
Auto-Negotiation Complete:
COMPLETE
1 = Auto-Negotiation process complete.
0 = Auto-Negotiation process not complete.
4
REMOTE FAULT
0, RO/LH
Remote Fault:
1 = Remote Fault condition detected (cleared on read or by reset). Fault criteria: Far End
Fault Indication or notification from Link Partner of Remote Fault.
0 = No remote fault condition detected.
3
AUTO-NEGOTIATION
1, RO/P
Auto Negotiation Ability:
ABILITY
1 = Device is able to perform Auto-Negotiation.
0 = Device is not able to perform Auto-Negotiation.
2
LINK STATUS
0, RO/LL
Link Status:
1 = Valid link established (for either 10 or 100 Mb/s operation).
0 = Link not established.
The criteria for link validity is implementation specific. The occurrence of a link failure
condition will causes the Link Status bit to clear. Once cleared, this bit may only be set by
establishing a good link condition and a read via the management interface.
1
JABBER DETECT
0, RO/LH
Jabber Detect: This bit only has meaning in 10 Mb/s mode.
1 = Jabber condition detected.
0 = No Jabber.
This bit is implemented with a latching function, such that the occurrence of a jabber
condition causes it to set until it is cleared by a read to this register by the management
interface or by a reset.
0
EXTENDED CAPABILITY
1, RO/P
Extended Capability:
1 = Extended register capabilities.
0 = Basic register set capabilities only.
Copyright © 2009–2013, Texas Instruments Incorporated
Register Block
75
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com