Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 33 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 33 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 29Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 30Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 31Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 32Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 33Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 34Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 35Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 36Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
The Auto-Negotiation Expansion Register (ANER) indicates additional Auto-Negotiation status. The ANER
provides status on:
•
Whether or not a Parallel Detect Fault has occurred
•
Whether or not the Link Partner supports the Next Page function
•
Whether or not the DP83849IF supports the Next Page function
•
Whether or not the current page being exchanged by Auto-Negotiation has been received
•
Whether or not the Link Partner supports Auto-Negotiation
5.2.3
Auto-Negotiation Parallel Detection
The DP83849IF supports the Parallel Detection function as defined in the IEEE 802.3u specification.
Parallel Detection requires both the 10 Mb/s and 100 Mb/s receivers to monitor the receive signal and
report link status to the Auto-Negotiation function. Auto-Negotiation uses this information to configure the
correct technology in the event that the Link Partner does not support Auto-Negotiation but is transmitting
link signals that the 100BASE-TX or 10BASE-T PMAs recognize as valid link signals.
If the DP83849IF completes Auto-Negotiation as a result of Parallel Detection, bits 5 and 7 within the
ANLPAR register will be set to reflect the mode of operation present in the Link Partner. Note that bits 4:0
of the ANLPAR will also be set to 00001 based on a successful parallel detection to indicate a valid 802.3
selector field. Software may determine that negotiation completed via Parallel Detection by reading a zero
in the Link Partner Auto-Negotiation Able bit once the Auto-Negotiation Complete bit is set. If configured
for parallel detect mode and any condition other than a single good link occurs then the parallel detect
fault bit will be set.
5.2.4
Auto-Negotiation Restart
Once Auto-Negotiation has completed, it may be restarted at any time by setting bit 9 (Restart Auto-
Negotiation) of the BMCR to one. If the mode configured by a successful Auto-Negotiation loses a valid
link, then the Auto-Negotiation process will resume and attempt to determine the configuration for the link.
This function ensures that a valid configuration is maintained if the cable becomes disconnected.
A renegotiation request from any entity, such as a management agent, will cause the DP83849IF to halt
any transmit data and link pulse activity until the break_link_timer expires (~1500 ms). Consequently, the
Link Partner will go into link fail and normal Auto-Negotiation resumes. The DP83849IF will resume Auto-
Negotiation after the break_link_timer has expired by issuing FLP (Fast Link Pulse) bursts.
5.2.5
Enabling Auto-Negotiation via Software
It is important to note that if the DP83849IF has been initialized upon power-up as a non-auto-negotiating
device (forced technology), and it is then required that Auto-Negotiation or re-Auto-Negotiation be initiated
via software, bit 12 (Auto-Negotiation Enable) of the Basic Mode Control Register (BMCR) must first be
cleared and then set for any Auto-Negotiation function to take effect.
5.2.6
Auto-Negotiation Complete Time
Parallel detection and Auto-Negotiation take approximately 2-3 seconds to complete. In addition, Auto-
Negotiation with next page should take approximately 2-3 seconds to complete, depending on the number
of next pages sent.
Refer to Clause 28 of the IEEE 802.3u standard for a full description of the individual timers related to
Auto-Negotiation.
Copyright © 2009–2013, Texas Instruments Incorporated
Configuration
33
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com