Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 3 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 3 Page - Texas Instruments

  DP83849IFVS/NOPB.A Datasheet HTML 1Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 2Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 3Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 4Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 5Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 6Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 7Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 8Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
1
Introduction
.............................................. 1
4.23
AC Specifications — 10 Mb/s Heartbeat Timing
... 24
1.1
Features
............................................. 1
4.24
AC Specifications — 10 Mb/s Jabber Timing
...... 24
4.25
AC Specifications — 10BASE-T Normal Link Pulse
1.2
Applications
.......................................... 1
Timing
.............................................. 25
1.3
Description
........................................... 2
4.26
AC Specifications — Auto-Negotiation Fast Link
2
Device Information
...................................... 5
Pulse (FLP) Timing
................................. 25
2.1
System Diagram
..................................... 5
4.27
AC Specifications — 100BASE-TX Signal Detect
2.2
Block Diagram
....................................... 5
Timing
.............................................. 25
3
Pin Descriptions
......................................... 6
4.28
AC Specifications — 100 Mb/s Internal Loopback
Timing
.............................................. 26
3.1
Connection Diagram
................................. 7
4.29
AC Specifications — 10 Mb/s Internal Loopback
3.2
PACKAGE PIN ASSIGNMENTS
.................... 8
Timing
.............................................. 27
3.3
SERIAL MANAGEMENT INTERFACE
.............. 9
4.30
AC Specifications — RMII Transmit Timing
........ 27
3.4
MAC DATA INTERFACE
............................ 9
4.31
AC Specifications — RMII Receive Timing
........ 28
3.5
CLOCK INTERFACE
............................... 10
4.32
AC Specifications — Single Clock MII (SCMII)
3.6
LED INTERFACE
.................................. 10
Transmit Timing
.................................... 29
3.7
JTAG INTERFACE
................................. 11
4.33
AC Specifications — Single Clock MII (SCMII)
3.8
RESET AND POWER DOWN
...................... 11
Receive Timing
..................................... 29
3.9
STRAP OPTIONS
.................................. 11
4.34
AC Specifications — Isolation Timing
.............. 30
3.10
10 Mb/s AND 100 Mb/s PMD INTERFACE
........ 13
4.35
AC Specifications — CLK2MAC Timing
............ 30
3.11
SPECIAL CONNECTIONS
......................... 13
4.36
AC Specifications — 100 Mb/s X1 TO TX_CLK
Timing
.............................................. 30
3.12
POWER SUPPLY PINS
............................ 13
5
Configuration
........................................... 31
4
Electrical Specifications
............................. 14
5.1
MEDIA CONFIGURATION
......................... 31
4.1
Absolute Maximum Ratings
........................ 14
5.2
AUTO-NEGOTIATION
.............................. 31
4.2
Recommended Operating Conditions
.............. 14
5.3
AUTO-MDIX
........................................ 34
4.3
AC and DC Specifications
.......................... 14
5.4
PHY ADDRESS
.................................... 34
4.4
DC Specifications
.................................. 15
5.5
LED INTERFACE
................................... 35
4.5
AC Specifications — Power Up Timing
............ 16
5.6
HALF DUPLEX vs. FULL DUPLEX
................ 37
4.6
AC Specifications — Reset Timing
................. 17
5.7
INTERNAL LOOPBACK
............................ 37
4.7
AC Specifications — MII Serial Management Timing
...................................................... 18
5.8
BIST
................................................ 37
4.8
AC Specifications — 100 Mb/s MII Transmit Timing
6
MAC Interface
.......................................... 39
...................................................... 18
6.1
MII INTERFACE
.................................... 39
4.9
AC Specifications — 100 Mb/s MII Receive Timing
18
6.2
REDUCED MII INTERFACE
....................... 40
4.10
AC Specifications — 100BASE-TX and 100BASE-
6.3
10 Mb SERIAL NETWORK INTERFACE (SNI)
.... 41
FX MII Transmit Packet Latency Timing
........... 19
6.4
SINGLE CLOCK MII MODE
........................ 41
4.11
AC Specifications — 100BASE-TX and 100BASE-
6.5
FLEXIBLE MII PORT ASSIGNMENT
.............. 42
FX MII Transmit Packet Deassertion Timing
....... 19
6.6
802.3u MII SERIAL MANAGEMENT INTERFACE
. 45
4.12
AC Specifications — 100BASE-TX Transmit Timing
(tR/F & Jitter) ........................................ 20
7
Architecture
............................................. 48
4.13
AC Specifications — 100BASE-TX and 100BASE-
7.1
100BASE-TX TRANSMITTER
...................... 48
FX MII Receive Packet Latency Timing
............ 20
7.2
100BASE-TX RECEIVER
.......................... 50
4.14
AC Specifications — 100BASE-TX and 100BASE-
7.3
100BASE-FX OPERATION
......................... 55
FX MII Receive Packet Deassertion Timing
....... 21
7.4
10BASE-T TRANSCEIVER MODULE
.............. 55
4.15
AC Specifications — 10 Mb/s MII Transmit Timing
21
8
Design Guidelines
..................................... 59
4.16
AC Specifications — 10 Mb/s MII Receive Timing
. 21
8.1
TPI NETWORK CIRCUIT
.......................... 59
4.17
AC Specifications — 10 Mb/s Serial Mode Transmit
Timing
.............................................. 22
8.2
FIBER NETWORK CIRCUIT
....................... 60
4.18
AC Specifications — 10 Mb/s Serial Mode Receive
8.3
ESD PROTECTION
................................ 60
Timing
.............................................. 22
8.4
CLOCK IN (X1) REQUIREMENTS
................. 61
4.19
AC Specifications — 10BASE-T Transmit Timing
8.5
POWER FEEDBACK CIRCUIT
.................... 63
(Start OF Packet)
................................... 22
8.6
POWER DOWN/INTERRUPT
...................... 63
4.20
AC Specifications — 10BASE-T Transmit Timing
8.7
ENERGY DETECT MODE
......................... 64
(End of Packet)
..................................... 23
8.8
LINK DIAGNOSTIC CAPABILITIES
................ 64
4.21
AC Specifications — 10BASE-T Receive Timing
(Start of Packet)
.................................... 23
9
Reset Operation
........................................ 69
4.22
AC Specifications — 10BASE-T Receive Timing
9.1
HARDWARE RESET
............................... 69
(End of Packet)
..................................... 24
9.2
FULL SOFTWARE RESET
......................... 69
Copyright © 2009–2013, Texas Instruments Incorporated
Contents
3
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com