Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 68 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 68 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 64Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 65Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 66Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 67Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 68Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 69Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 70Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 71Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
8.8.7
TDR Results
The TDR function monitors data from the Analog to Digital Converter (ADC) to detect both peak values
and values above a programmable threshold. It can be programmed to detect maximum or minimum
values. In addition, it records the time, in 8ns intervals, at which the peak or threshold value first occurs.
The results of a TDR peak and threshold measurement are available in the TDR Peak Measurement
Register (TDR_PEAK), address 18h and TDR Threshold Measurement Register (TDR_THR), address
19h. The threshold measurement may be a more accurate method of measuring the length for longer
cables to provide a better indication of the start of the received pulse, rather than the peak value.
Software utilizing the TDR function should implement an algorithm to send TDR pulses and evaluate
results. Multiple runs should be used to best qualify any received pulses as multiple reflections could exist.
In addition, when monitoring the transmitting pair, the window feature should be used to disqualify the
transmitted pulse. Multiple runs may also be used to average the values providing more accurate results.
Actual distance measurements are dependent on the velocity of propagation of the cable. The delay value
is typically on the order of 4.6 to 4.9 ns/m.
68
Design Guidelines
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com