Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4S5AI Datasheet(PDF) 262 Page - STMicroelectronics

Part # STM32L4S5AI
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, AESHASH
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4S5AI Datasheet(HTML) 262 Page - STMicroelectronics

Back Button STM32L4S5AI Datasheet HTML 258Page - STMicroelectronics STM32L4S5AI Datasheet HTML 259Page - STMicroelectronics STM32L4S5AI Datasheet HTML 260Page - STMicroelectronics STM32L4S5AI Datasheet HTML 261Page - STMicroelectronics STM32L4S5AI Datasheet HTML 262Page - STMicroelectronics STM32L4S5AI Datasheet HTML 263Page - STMicroelectronics STM32L4S5AI Datasheet HTML 264Page - STMicroelectronics STM32L4S5AI Datasheet HTML 265Page - STMicroelectronics STM32L4S5AI Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 275 page
background image
Package information
STM32L4S5xx, STM32L4S7xx and STM32L4S9xx
262/275
DocID030322 Rev 2
Figure 75. WLCSP - 144 bump, 5.24x 5.24 mm, 0.40 mm pitch, wafer level chip scale,
recommended footprint
1. Dimensions are expressed in millimeters.
Table 123. WLCSP - 144 bump, 5.24x 5.24 mm, 0.40 mm pitch, wafer level chip scale,
mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 3 decimal digits.
Min
Typ
Max
Min
Typ
Max
A-
-
0.59
-
-
0.023
A1
-
0.18
-
-
0.007
-
A2
-
0.38
-
-
0.015
-
A3
-
0.025(2)
2. A3 value is guaranteed by technology design value.
-
-
0.0010
-
b
0.22
0.25
0.28
0.009
0.010
0.011
D
5.22
5.24
5.26
0.205
0.206
0.207
E
5.22
5.24
5.26
0.205
0.206
0.207
e
-
0.40
-
-
0.016
-
e1
-
4.40
-
-
0.173
-
e2
-
4.40
-
-
0.173
-
F
-
0.420(3)
3. This value is calculated from over value D and e1.
-
-
0.0165
-
G
-
0.420(4)
4. This value is calculated from over value E and e2.
-
-
0.0165
-
aaa
-
-
0.10
-
-
0.004
bbb
-
-
0.10
-
-
0.004
ccc
-
-
0.10
-
-
0.004
ddd
-
-
0.05
-
-
0.002
eee
-
-
0.05
-
-
0.002
A085_WLCSP144_FP_V1
Dpad
Dsm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com