Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC0820CCWMX/NOPB
Description  ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0820CCWMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC0820CCWMX/NOPB Datasheet HTML 9Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 10Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 11Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 12Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 13Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 14Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 15Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 16Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ADC0820-N
www.ti.com
SNAS529C – JUNE 1999 – REVISED MARCH 2013
WR then RD Mode
With the MODE pin tied high, the A/D will be set up for the WR-RD mode. Here, a conversion is started with the
WR input; however, there are two options for reading the output data which relate to interface timing. If an
interrupt driven scheme is desired, the user can wait for INT to go low before reading the conversion result
(Figure 22). INT will typically go low 800 ns after WR's rising edge. However, if a shorter conversion time is
desired, the processor need not wait for INT and can exercise a read after only 600 ns (Figure 21). If this is
done, INT will immediately go low and data will appear at the outputs.
Figure 21. WR-RD Mode (Pin 7 is High and tRD<tI)
Figure 22. WR-RD Mode (Pin 7 is High and tRD>tI)
Stand-Alone
For stand-alone operation in WR-RD mode, CS and RD can be tied low and a conversion can be started with
WR. Data will be valid approximately 800 ns following WR's rising edge.
Figure 23. WR-RD Mode (Pin 7 is High) Stand-Alone Operation
Note: MS means most significant
LS means least significant
Figure 24. Operating Sequence (WR-RD Mode)
OTHER INTERFACE CONSIDERATIONS
In order to maintain conversion accuracy, WR has a maximum width spec of 50 µs. When the MS flash ADC's
sampled-data comparators (see The Sampled-Data Comparator) are in comparison mode (WR is low), the input
capacitors (C, Figure 19) must hold their charge. Switch leakage and inverter bias current can cause errors if the
comparator is left in this phase for too long.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC0820-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com