Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWMX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC0820CCWMX/NOPB
Description  ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0820CCWMX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  ADC0820CCWMX/NOPB Datasheet HTML 1Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 2Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 3Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 4Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 5Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 6Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 7Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 8Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ADC0820-N
www.ti.com
SNAS529C – JUNE 1999 – REVISED MARCH 2013
AC Electrical Characteristics
The following specifications apply for VCC = 5V, tr = tf = 20 ns, VREF(+) = 5V, VREF(−) = 0V and TA = 25°C unless otherwise
specified.
Tested
Design
Parameter
Conditions
Typ(1)
Units
Limit(2)
Limit(3)
tCRD, Conversion Time for RD Mode
Pin 7 = 0 (Figure 4)
1.6
2.5
µs
tACC0, Access Time (Delay from Falling
Pin 7 = 0 (Figure 4)
tCRD + 20
tCRD + 50
ns
Edge of RD to Output Valid)
tCWR-RD, Conversion Time for WR-RD
Pin 7 = VCC; tWR = 600 ns, tRD=600 ns
1.52
µs
Mode
(Figure 5 & Figure 6)
Min
Pin 7 = VCC (Figure 5 & Figure 6)
600
ns
tWR, Write Time
Max
Figure 11(4)
50
µs
Pin 7 = VCC (Figure 5 & Figure 6 &
tRD, Read Time
Min
600
ns
Figure 12)(4)
Pin 7 = VCC, tRD < tI, CL = 15pF (Figure 5)
190
280
ns
tACC1, Access Time (Delay from Falling
Edge of RD to Output Valid)
CL = 100 pF
210
320
ns
Pin 7 = VCC, tRD > tI, CL = 15pF (Figure 6)
70
120
ns
tACC2, Access Time (Delay from Falling
Edge of RD to Output Valid)
CL=100 pF
90
150
ns
tACC3, Access Time (Delay from Rising
RPULLUP = 1k and CL = 15 pF
30
ns
Edge of RDY to Output Valid)
Pin 7 = VCC, CL = 50pF (Figure 6 &
tI, Internal Comparison Time
800
1300
ns
Figure 7)
t1H, t0H, TRI-STATE Control (Delay from
RL = 1k, CL = 10 pF
100
200
ns
Rising Edge of RD to Hi-Z State)
Pin 7 = VCC, CL = 50 pF tRD > tI (Figure 6)
tI
ns
tINTL, Delay from Rising Edge of WR to
Falling Edge of INT
tRD < tI (Figure 5)
tRD+200
tRD+290
ns
tINTH, Delay from Rising Edge of RD to
CL = 50pF (Figure 4 & Figure 5 & Figure 6)
125
225
ns
Rising Edge of INT
tINTHWR, Delay from Rising Edge of WR to CL = 50pF (Figure 7)
175
270
ns
Rising Edge of INT
tRDY, Delay from CS to RDY
CL = 50 pF, Pin 7 = 0 (Figure 4)
50
100
ns
tID, Delay from INT to Output Valid
See Figure 7
20
50
ns
tRI, Delay from RD to INT
Pin 7 = VCC, tRD<tI Figure 5
200
290
ns
tP, Delay from End of Conversion to Next
(Figure 4 & Figure 5 & Figure 6 & Figure 7
500
ns
Conversion
& Figure 13)(4)
Slew Rate, Tracking
0.1
V/µs
CVIN, Analog Input Capacitance
45
pF
COUT, Logic Output Capacitance
5
pF
CIN, Logic Input Capacitance
5
pF
(1)
Typicals are at 25°C and represent most likely parametric norm.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(3)
Design limits are specified but not 100% tested. These limits are not used to calculate outgoing quality levels.
(4)
Accuracy may degrade if tWR or tRD is shorter than the minimum value specified. See Figure 11 and Figure 12 graphs.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC0820-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com