Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC0820CCWMX/NOPB
Description  ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0820CCWMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  ADC0820CCWMX/NOPB Datasheet HTML 1Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 2Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 3Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 4Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 5Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 6Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 7Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 8Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ADC0820-N
SNAS529C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Figure 3. Functional Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
10V
Logic Control Inputs
−0.2V to VCC +0.2V
Voltage at Other Inputs and Output
−0.2V to VCC +0.2V
Storage Temperature Range
−65°C to +150°C
Package Dissipation at TA = 25°C
875 mW
Input Current at Any Pin(4)
1 mA
Package Input Current(4)
4 mA
ESD Susceptibility(5)
900V
PDIP Package
260°C
CDIP Package
300°C
Lead Temp. (Soldering, 10 sec.)
Vapor Phase (60 sec.)
215°C
SOIC Package
Infrared (15 sec.)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V
−or V
IN > V
+) the absolute value of current at that pin
should be limited to 1 mA or less. The 4 mA package input current limits the number of pins that can exceed the power supply
boundaries with a 1 mA current limit to four.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1) (2)
ADC0820CCJ, ADC0820CIWM
−40°C≤TA≤+85°C
Temperature Range (TMIN≤TA≤TMAX)
ADC0820BCN, ADC0820CCN, ADC0820BCV,
0°C
≤TA≤70°C
ADC0820BCWM, ADC0820CCWM
VCC Range
4.5V to 8V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to the GND pin, unless otherwise specified.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0820-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com