Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWMX/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC0820CCWMX/NOPB
Description  ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0820CCWMX/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC0820CCWMX/NOPB Datasheet HTML 8Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 9Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 10Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 11Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 12Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 13Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 14Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 15Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ADC0820-N
SNAS529C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Figure 18. Sampled-Data Comparator
Figure 19. ADC0820-N Comparator (from MS Flash
ADC)
ARCHITECTURE
In the ADC0820-N, one bank of 15 comparators is used in each 4-bit flash A/D converter (Figure 25). The MS
(most significant) flash ADC also has one additional comparator to detect input overrange. These two sets of
comparators operate alternately, with one group in its zeroing cycle while the other is comparing.
When a typical conversion is started, the WR line is brought low. At this instant the MS comparators go from
zeroing to comparison mode (Figure 24). When WR is returned high after at least 600 ns, the output from the
first set of comparators (the first flash) is decoded and latched. At this point the two 4-bit converters change
modes and the LS (least significant) flash ADC enters its compare cycle. No less than 600 ns later, the RD line
may be pulled low to latch the lower 4 data bits and finish the 8-bit conversion. When RD goes low, the flash
A/Ds change state once again in preparation for the next conversion.
Figure 24 also outlines how the converter's interface timing relates to its analog input (VIN). In WR-RD mode, VIN
is measured while WR is low. In RD mode, sampling occurs during the first 800 ns of RD. Because of the input
connections to the ADC0820-N's LS and MS comparators, the converter has the ability to sample VIN at one
instant (see Inherent Sample-Hold), despite the fact that two separate 4-bit conversions are being done. More
specifically, when WR is low the MS flash is in compare mode (connected to VIN), and the LS flash is in zero
mode (also connected to VIN). Therefore both flash ADCs sample VIN at the same time.
DIGITAL INTERFACE
The ADC0820-N has two basic interface modes which are selected by strapping the MODE pin high or low.
RD Mode
With the MODE pin grounded, the converter is set to Read mode. In this configuration, a complete conversion is
done by pulling RD low until output data appears. An INT line is provided which goes low at the end of the
conversion as well as a RDY output which can be used to signal a processor that the converter is busy or can
also serve as a system Transfer Acknowledge signal.
Figure 20. RD Mode (Pin 7 is Low)
When in RD mode, the comparator phases are internally triggered. At the falling edge of RD, the MS flash
converter goes from zero to compare mode and the LS ADC's comparators enter their zero cycle. After 800 ns,
data from the MS flash is latched and the LS flash ADC enters compare mode. Following another 800 ns, the
lower 4 bits are recovered.
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0820-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com