Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWMX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC0820CCWMX/NOPB
Description  ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0820CCWMX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  ADC0820CCWMX/NOPB Datasheet HTML 1Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 2Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 3Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 4Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 5Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 6Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 7Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 8Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ADC0820-N
www.ti.com
SNAS529C – JUNE 1999 – REVISED MARCH 2013
Converter Characteristics
The following specifications apply for RD mode (pin 7 = 0), VCC = 5V, VREF(+) = 5V,and VREF(−) = GND unless otherwise
specified. Boldface limits apply from TMIN to TMAX; all other limits TA = Tj = 25°C.
ADC0820BCN, ADC0820CCN,
ADC0820CCJ
ADC0820BCV, ADC0820BCWM,
Limit
ADC0820CCWM, ADC0820CIWM
Parameter
Conditions
Units
Tested
Design
Tested
Design
Typ(1)
Typ(1)
Limit(2)
Limit(3)
Limit (2)
Limit(3)
Resolution
8
8
8
Bits
ADC0820BCN, BCWM
±½
±½
LSB
ADC0820CCJ
±1
LSB
Total Unadjusted
Error(4)
ADC0820CCN, CCWM, CIWM
±1
±1
LSB
ADC0820CCMSA
±1
±1
LSB
Minimum Reference
2.3
1.00
2.3
1.2
k
Ω
Resistance
Maximum Reference
2.3
6
2.3
5.3
6
k
Ω
Resistance
Maximum VREF(+)
VCC
VCC
VCC
V
Input Voltage
Minimum VREF(−)
GND
GND
GND
V
Input Voltage
Minimum VREF(+)
VREF(−)
VREF(−)
VREF(−)
V
Input Voltage
Maximum VREF(−)
VREF(+)
VREF(+)
VREF(+)
V
Input Voltage
Maximum VIN Input
VCC+0.1
VCC+0.1
VCC+0.1
V
Voltage
Minimum VIN Input
GND
−0.1
GND
−0.1
GND
−0.1
V
Voltage
CS =VCC
Maximum Analog
Input Leakage
VIN=VCC
3
0.3
3
µA
Current
VIN=GND
−3
−0.3
−3
µA
Power Supply
VCC=5V±5%
±1/16
±¼
±1/16
±¼
±¼
LSB
Sensitivity
(1)
Typicals are at 25°C and represent most likely parametric norm.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(3)
Design limits are specified but not 100% tested. These limits are not used to calculate outgoing quality levels.
(4)
Total unadjusted error includes offset, full-scale, and linearity errors.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC0820-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com