Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWMX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC0820CCWMX/NOPB
Description  ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0820CCWMX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC0820CCWMX/NOPB Datasheet HTML 12Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 13Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 14Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 15Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 16Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 17Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 18Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 19Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ADC0820-N
SNAS529C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Figure 27. ADC0820-N Input Circuit
Figure 28. Analog Input, RC Network Model
INPUT FILTERING
It should be made clear that transients in the analog input signal, caused by charging current flowing into VIN, will
not degrade the A/D's performance in most cases. In effect the ADC0820-n does not “look” at the input when
these transients occur. The comparators' outputs are not latched while WR is low, so at least 600 ns will be
provided to charge the ADC's input capacitance. It is therefore not necessary to filter out these transients by
putting an external cap on the VIN terminal.
INHERENT SAMPLE-HOLD
Another benefit of the ADC0820-N's input mechanism is its ability to measure a variety of high speed signals
without the help of an external sample-and-hold. In a conventional SAR type converter, regardless of its speed,
the input must remain at least ½ LSB stable throughout the conversion process if full accuracy is to be
maintained. Consequently, for many high speed signals, this signal must be externally sampled, and held
stationary during the conversion.
Sampled-data comparators, by nature of their input switching, already accomplish this function to a large degree
(see The Sampled Data Comparator). Although the conversion time for the ADC0820-N is 1.5 µs, the time
through which VIN must be ½ LSB stable is much smaller. Since the MS flash ADC uses VIN as its “compare”
input and the LS ADC uses VIN as its “zero” input, the ADC0820-N only “samples” VIN when WR is low (see
Architecture and Input Current). Even though the two flashes are not done simultaneously, the analog signal is
measured at one instant. The value of VIN approximately 100 ns after the rising edge of WR (100 ns due to
internal logic prop delay) will be the measured value.
Input signals with slew rates typically below 100 mV/µs can be converted without error. However, because of the
input time constants, and charge injection through the opened comparator input switches, faster signals may
cause errors. Still, the ADC0820-N's loss in accuracy for a given increase in signal slope is far less than what
would be witnessed in a conventional successive approximation device. An SAR type converter with a
conversion time as fast as 1 µs would still not be able to measure a 5V 1 kHz sine wave without the aid of an
external sample-and-hold. The ADC0820-N, with no such help, can typically measure 5V, 7 kHz waveforms.
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0820-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com