Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC0820CCWMX/NOPB
Description  ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0820CCWMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC0820CCWMX/NOPB Datasheet HTML 1Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 2Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 3Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 4Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 5Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 6Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 7Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 8Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
ADC0820-N
www.ti.com
SNAS529C – JUNE 1999 – REVISED MARCH 2013
ADC0820-N 8-Bit High Speed µP Compatible A/D Converter with Track/Hold Function
Check for Samples: ADC0820-N
1
FEATURES
KEY SPECIFICATIONS
2
•
Built-In Track-and-Hold Function
•
Resolution: 8 Bits
•
No Missing Codes
•
Conversion Time
•
No External Clocking
–
2.5 µs Max (RD Mode)
•
Single Supply—5 VDC
–
1.5 µs Max (WR-RD Mode)
•
Easy Interface to All Microprocessors, or
•
Low Power: 75 mW Max
Operates Stand-Alone
•
Total Unadjusted Error: ±½ LSB and ± 1 LSB
•
Latched TRI-STATE Output
DESCRIPTION
•
Logic Inputs and Outputs Meet Both MOS and
By using a half-flash conversion technique, the 8-bit
T2L Voltage Level Specifications
ADC0820-N CMOS A/D offers a 1.5 µs conversion
•
Operates Ratiometrically or with any
time and dissipates only 75 mW of power. The half-
Reference Value Equal to or Less than VCC
flash technique consists of 32 comparators, a most
•
0V to 5V Analog Input Voltage Range with
significant 4-bit ADC and a least significant 4-bit
Single 5V Supply
ADC.
•
No Zero or Full-Scale Adjust Required
The input to the ADC0820-N is tracked and held by
•
Overflow Output Available for Cascading
the input sampling circuitry eliminating the need for
an external sample-and-hold for signals moving at
•
0.3 in. Standard Width 20-Pin PDIP
less than 100 mV/µs.
•
20-Pin PLCC
For
ease
of
interface
to
microprocessors,
the
•
20-Pin SOIC
ADC0820-N has been designed to appear as a
memory location or I/O port without the need for
external interfacing logic.
Connection and Functional Diagrams
Figure 1. CDIP, PDIP,
Figure 2. PLCC Package
and SOIC Packages (Top View)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC0820CCWMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0820CCWMX/NOPB TI1-ADC0820CCWMX/NOPB Datasheet
1Mb / 29P
8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results

Similar Description - ADC0820CCWMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0820 NSC-ADC0820 Datasheet
472Kb / 22P
8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Analog Devices
AD7820 AD-AD7820 Datasheet
609Kb / 12P
LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
AD7821 AD-AD7821 Datasheet
249Kb / 12P
LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV.A
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com