Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC0820CCWMX/NOPB
Description  ADC0820-N 8-Bit High Speed μP Compatible A/D Converter with Track/Hold Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0820CCWMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  ADC0820CCWMX/NOPB Datasheet HTML 1Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 2Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 3Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 4Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 5Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 6Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 7Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 8Page - Texas Instruments ADC0820CCWMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ADC0820-N
SNAS529C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics
The following specifications apply for VCC = 5V, unless otherwise specified. Boldface limits apply from TMIN to TMAX; all
other limits TA = TJ = 25°C.
ADC0820BCN, ADC0820CCN,
ADC0820CCJ
ADC0820BCV, ADC0820BCWM,
Limit
ADC0820CCWM, ADC0820CIWM
Parameter
Conditions
Units
Tested
Design
Tested
Design
Typ(1)
Typ(1)
Limit(2)
Limit(3)
Limit(2)
Limit(3)
CS , WR , RD
2.0
2.0
2.0
V
VIN(1), Logical “1”
VCC=5.25V
Input Voltage
Mode
3.5
3.5
3.5
V
CS , WR , RD
0.8
0.8
0.8
V
VIN(0), Logical “0”
VCC=4.75V
Input Voltage
Mode
1.5
1.5
1.5
V
VIN(1)=5V; CS , RD
0.005
1
0.005
1
µA
IIN(1), Logical “1”
VIN(1)=5V; WR
0.1
3
0.1
0.3
3
µA
Input Current
VIN(1)=5V; Mode
50
200
50
170
200
µA
IIN(0), Logical “0”
VIN(0)=0V; CS, RD, WR, Mode
−0.005
−1
−0.005
−1
µA
Input Current
VCC=4.75V, IOUT=−360 µA;
2.4
2.8
2.4
V
DB0–DB7, OFL , INT
VOUT(1), Logical “1”
Output Voltage
VCC=4.75V, IOUT=−10 µA;
4.5
4.6
4.5
V
DB0–DB7, OFL , INT
VOUT(0), Logical “0”
VCC=4.75V, IOUT=1.6 mA;
0.4
0.34
0.4
V
Output Voltage
DB0–DB7, OFL , INT , RDY
VOUT=5V; DB0–DB7, RDY
0.1
3
0.1
0.3
3
µA
IOUT, TRI-STATE
Output Current
VOUT=0V; DB0–DB7, RDY
−0.1
−3
−0.1
−0.3
−3
µA
VOUT=0V; DB0–DB7, OFL
−12
−6
−12
−7.2
−6
mA
ISOURCE, Output
Source Current
INT
−9
−4.0
−9
−5.3
−4.0
mA
ISINK, Output Sink
VOUT=5V; DB0–DB7, OFL ,
14
7
14
8.4
7
mA
Current
INT , RDY
ICC, Supply Current
CS =WR =RD =0
7.5
15
7.5
13
15
mA
(1)
Typicals are at 25°C and represent most likely parametric norm.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(3)
Design limits are specified but not 100% tested. These limits are not used to calculate outgoing quality levels.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0820-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com