Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MT Datasheet(PDF) 5 Page - RAMXEED LIMITED

Part # MB85AS12MT
Description  12M (1536 K X 8) Bit SPI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS12MT Datasheet(HTML) 5 Page - RAMXEED LIMITED

  MB85AS12MT Datasheet HTML 1Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 2Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 3Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 4Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 5Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 6Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 7Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 8Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MB85AS12MT
DS501-00071-1v1-E
5
STATUS REGISTER
OP-CODE
MB85AS12MT accepts 10 kinds of command specified in op-code. Op-code is a code composed of 8 bits
shown in the table below. Do not input invalid codes other than those codes. If CS is risen while inputting
op-code, the command are not performed.
Bit No.
Bit Name
Function
7
WPEN
Not Used Bit
This is bit composed of nonvolatile memories, writing with the WRSR command
is possible. These bits are not used but they are read with the RDSR command.
Initial value is “0”.
6 to 4
Not Used Bits
These are bits composed of volatile memories, writing with the WRSR com-
mand is possible. These bits are not used but they are read with the RDSR
command.
Initial value is “000”.
3
BP1
Block Protect
This is a bit composed of nonvolatile memory. This defines size of write protect
block for the WRITE command (refer to “ BLOCK PROTECT”). Writing with
the WRSR command and reading with the RDSR command are possible.
2
BP0
1
WEL
Write Enable Latch
This indicates ReRAM Array and status register are writable. The WREN com-
mand is for setting, and the WRDI command is for resetting. With the RDSR
command, reading is possible but writing is not possible with the WRSR com-
mand. WEL is reset after the following operations.
After power ON.
The rising edge of CS after WRDI command recognition.
The end of writing process after WRSR command recognition.
The end of writing process after WRITE command recognition.
0
WIP
Write In Progress
This indicates ReRAM Array and status register are in writing process. During
this writing process, any commands except RDSR will not be executed (refer to
“ WRITING OPERATION OF NONVOLATILE MEMORY 2. WIP polling”).
With the RDSR command, reading is possible but writing is not possible with
the WRSR command.
Name
Description
Op-code
WREN
Set Write Enable Latch
0000 0110B
WRDI
Reset Write Enable Latch
0000 0100B
RDSR
Read Status Register
0000 0101B
WRSR
Write Status Register
0000 0001B
READ
Read Memory Code
0000 0011B
WRITE
Write Memory Code
0000 0010B
RDID
Read Device ID
1001 1111B
RDUID
Read Device ID and Unique ID
1000 0011B
SLEEP
Enter Sleep Mode (Power Down Mode)
1011 1001B
PWDN
1110 0010B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com