Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MT Datasheet(PDF) 9 Page - RAMXEED LIMITED

Part # MB85AS12MT
Description  12M (1536 K X 8) Bit SPI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS12MT Datasheet(HTML) 9 Page - RAMXEED LIMITED

Back Button MB85AS12MT Datasheet HTML 5Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 6Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 7Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 8Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 9Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 10Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 11Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 12Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 13Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
MB85AS12MT
DS501-00071-1v1-E
9
RDID
The RDID command reads fixed Device ID. After performing RDID op-code to SI, 32-cycle clock is input to
SCK. The SI value is invalid for this time. SO is output synchronously to a falling edge of SCK. The output
is in order of Manufacturer ID (8bit)/Continuation code (8bit)/Product ID (1st Byte)/Product ID (2nd Byte).
In the RDID command, SO holds the output state of the last bit in 32-bit Device ID until CS is risen.
SO
SCK
SI
CS
MSB
7
6
5
4
3
2
1
0
Data Out
Data Out
High-Z
LSB
11
10
9
8
33
32
31
39
38
37
36
35
34
Invalid
30
28
29
31
10011111
20
1
3
64
5
7
8
bit
7
6
5
4
3
2
1
0 Hex
Manufacturer ID
0
0
0
0
0
1
0
0
04H Fujitsu
Continuation code
0
1
1
1
1
1
1
1
7FH
Proprietary use
Density
Hex
Product ID (1st Byte)
1
0
1
1
1
1
0
0
BCH Density: 11100B  12 Mbit
Proprietary use
Hex
Product ID (2nd Byte)
0
0
0
0
0
0
1
1
03H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com