Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MT Datasheet(PDF) 16 Page - RAMXEED LIMITED

Part # MB85AS12MT
Description  12M (1536 K X 8) Bit SPI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS12MT Datasheet(HTML) 16 Page - RAMXEED LIMITED

Back Button MB85AS12MT Datasheet HTML 12Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 13Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 14Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 15Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 16Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 17Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 18Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 19Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 20Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MB85AS12MT
16
DS501-00071-1v1-E
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(within recommended operating conditions)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input leakage current
|ILI|
CS, SCK  0 V to VDD
1
A
Output leakage current
|ILO|
SI/SO  0 V to VDD
1
A
Operating power supply
current (Read)
IDDR (60)
SCK = 5 MHz,
TA=0 C to 60 C,
1.6V  VDD  2.0V
0.15
0.3
mA
IDDR (85)
SCK = 10 MHz,
TA=  40 C to 85 C,
1.6V  VDD  3.6V
0.7
Operating power supply
current (Write)
IDDW (60)
SCK = tWC,
TA=0 C to 60 C,
1.6V  VDD  2.0V
1.5
mA
IDDW (85)
SCK = tWC,
TA=  40 C to 85 C,
1.6V  VDD  3.6V
2.5
Standby current
ISB
SCK  SI  CS  VDD
65
500
A
Sleep current
IZZ
CS  VDD
All inputs VSS or VDD
VDD=3.6V, TA=85 C
6
8
A
CS  VDD
All inputs VSS or VDD
VDD=1.45V, TA=60 C
6
A
Input high voltage
VIH
VDD  1.6 V to 3.6 V
VDD  0.7
VDD  0.5
V
Input low voltage
VIL
VDD  1.6 V to 3.6 V
0.5
VDD  0.3
V
Output high voltage
VOH
IOH   1.5 mA @VDD  1.8 V
IOH   1.2 mA @VDD < 1.8 V V
DD
0.8
V
Output low voltage
VOL
IOL  1.5 mA @VDD  1.8 V
IOL  1.2 mA @VDD < 1.8 V
VDD  0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com