Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MT Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MB85AS12MT
Description  12M (1536 K X 8) Bit SPI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS12MT Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB85AS12MT Datasheet HTML 10Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 11Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 12Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 13Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 14Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 15Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 16Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 17Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
MB85AS12MT
14
DS501-00071-1v1-E
BLOCK PROTECT
Writing protect block for WRITE command is configured by the value of BP0 and BP1 in the status register.
WRITING PROTECT
Writing operation of the WRITE command and the WRSR command are protected with the value of WEL,
as shown in the table. .
BP1
BP0
Protected Block
0
0
None
0
1
120000H to 17FFFFH (upper 1/4)
1
0
0C0000H to 17FFFFH (upper 1/2)
1
1
000000H to 17FFFFH (all)
WEL
Protected Blocks
Unprotected Blocks
Status Register
0
Protected
Protected
Protected
1
Protected
Unprotected
Unprotected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com