Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MT Datasheet(PDF) 20 Page - RAMXEED LIMITED

Part # MB85AS12MT
Description  12M (1536 K X 8) Bit SPI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS12MT Datasheet(HTML) 20 Page - RAMXEED LIMITED

Back Button MB85AS12MT Datasheet HTML 16Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 17Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 18Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 19Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 20Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 21Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 22Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 23Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 24Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MB85AS12MT
20
DS501-00071-1v1-E
POWER ON/OFF SEQUENCE
If the device does not operate within the specified conditions of read cycle, write cycle or power on/off
sequence, memory data can not be guaranteed.
ReRAM CHARACTERISTICS
*: 4 bytes are selected by A1 to A0.
Parameter
Symbol
Value
Unit
Min
Max
CS level hold time at power OFF
tpd
10
ms
CS level hold time at power ON
tpu
1
ms
Power supply rising time
tr
50
s/V
Power supply falling time
tf
100
s/V
Parameter
Value
Unit
Remarks
Min
Max
Write Endurance 5  105
Times/4bytes*
Operation Ambient Temperature TA   85 C
Data Retention
10
Years
Operation Ambient Temperature TA   85 C
Data register size
256
byte
VSS
CS >VDD
× 0.7V
tpd
tpu
tr
tf
VIL (Max)
1.0 V
VIH (Min)
VDD (Min)
VDD
CS : don't care
CS >VDD
× 0.7V
CS
CS
VSS
VIL (Max)
1.0 V
VIH (Min)
VDD (Min)
VDD
* : CS (Max) < VDD  0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com