Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MT Datasheet(PDF) 7 Page - RAMXEED LIMITED

Part # MB85AS12MT
Description  12M (1536 K X 8) Bit SPI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS12MT Datasheet(HTML) 7 Page - RAMXEED LIMITED

Back Button MB85AS12MT Datasheet HTML 3Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 4Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 5Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 6Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 7Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 8Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 9Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 10Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 11Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MB85AS12MT
DS501-00071-1v1-E
7
RDSR
The RDSR command reads status register data. After op-code of RDSR is input to SI, 8-cycle clock is input
to SCK. The SI value is invalid for this time. SO is output synchronously to a falling edge of SCK. In the
RDSR command, repeated reading of status register is enabled by sending SCK continuously before rising
of CS.
WRSR
The WRSR command writes data to the nonvolatile memory bit of status register. After performing WRSR
op-code to a SI pin, 8 bits writing data is input. WEL (Write Enable Latch) is not able to be written with WRSR
command. A SI value correspondent to bit 1 is ignored. Bit 0 of the status register cannot be written. The SI
value corresponding to bit 0 is ignored. WP signal level shall be fixed before performing WRSR command,
and do not change the WP signal level until the end of command sequence.
After rising edge of CS, MB85AS12MT starts writing operation to nonvolatile register and set WIP bit in status
register to “1”. After this writing operation has finished, reset this WIP bit from “1” to “0”. Although the RDSR
command is executable for WIP polling during this writing process, any other commands will not be per-
formed.
SO
SCK
SI
CS
00000101
High-Z
7
6
5
4
3
2
1
0
Invalid
MSB
7
6
5
4
3
2
1
0
Data Out
LSB
Invalid
SO
SCK
SI
CS
00000001
7
6
5
4
3
2
1
0
Data In
MSB
7
6
5
4
3
2
1
0
High-Z
LSB
7654
3
210
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com