Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MT Datasheet(PDF) 17 Page - RAMXEED LIMITED

Part # MB85AS12MT
Description  12M (1536 K X 8) Bit SPI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS12MT Datasheet(HTML) 17 Page - RAMXEED LIMITED

Back Button MB85AS12MT Datasheet HTML 13Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 14Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 15Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 16Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 17Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 18Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 19Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 20Page - RAMXEED LIMITED MB85AS12MT Datasheet HTML 21Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MB85AS12MT
DS501-00071-1v1-E
17
2. AC Characteristics
AC Test Condition
Power supply voltage
: 1.6 V to 3.6 V
Operation ambient temperature :  40 C to  85 C
Input voltage magnitude
: VDD  0.7  VIH  VDD
0  VIL  VDD  0.3
Input rising time
: 5 ns
Input falling time
: 5 ns
Input judge level
: VDD/2
Output judge level
: VDD/2
Parameter
Symbol
Value
Unit
Condition
Min
Typ
Max
SCK clock frequency
fCK
0
10
MHz
Clock high time
tCH
40
ns
Clock low time
tCL
40
ns
Chip select set up time
tCSUH
30
ns
CS rising to SCK rising
tCSUL
30
CS falling to SCK rising
Chip select hold time
tCSHH
30
ns
SCK rising to CS falling
tCSHL
30
SCK rising to CS rising
tCSH
30
SCK falling to CS rising
Output disable time
tOD
30
ns
Output active time
tOLZ
0
ns
Output data valid time
tODV
35
ns
Output hold time
tOH
0
ns
Deselect time
tD
100
ns
Data rising time
tR
50
ns
Data falling time
tF
50
ns
Data set up time
tSU
20
ns
Data hold time
tH
20
ns
Write cycle time
tWC
5000
10000
s
@100% data turn over
Recovery time from SLEEP
mode
tREC
400
1000
s
CS pulse width at SLEEP
mode exit
tCSWL
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com