Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC80504 Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 13Page - Texas Instruments DAC80504 Datasheet HTML 14Page - Texas Instruments DAC80504 Datasheet HTML 15Page - Texas Instruments DAC80504 Datasheet HTML 16Page - Texas Instruments DAC80504 Datasheet HTML 17Page - Texas Instruments DAC80504 Datasheet HTML 18Page - Texas Instruments DAC80504 Datasheet HTML 19Page - Texas Instruments DAC80504 Datasheet HTML 20Page - Texas Instruments DAC80504 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Frequency (Hz)
10
2030 50 100 200
500 1000
10000
100000
0
50
100
150
200
250
300
D048
Gain = 1
Gain = 2
Frequency (Hz)
1
10
100
1000
10000
100000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D047
Time (2 Psec/div)
D045
VOUT (200 PV/div)
CS (5 V/div)
Time (5 Psec/div)
VOUT (1 mV/div)
SCLK (5 V/div)
D046
Time (600Ps/div)
D044
VDD (1.5 V/div)
VOUT (1 V/div)
Time (600Ps/div)
D060
VIO (1.5 V/div)
VOUT (1 V/div)
17
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 5.5 V, internal reference = 2.5 V, gain = 2, DAC outputs unloaded (unless otherwise noted)
Gain = 1, DAC code at midscale
Figure 43. VDD Power-Down
Gain = 1, DAC code at midscale
Figure 44. VIO Power-Down
Gain = 1, measured DAC at midscale,
all other DACs switch from code 32 to full scale
Figure 45. Channel to Channel Crosstalk
Gain = 1, DAC code at midscale
Figure 46. Clock Feedthrough With SCLK = 1 MHz
Gain = 1, VDD = 5 V + 200 mVPP (Sinusoid), DAC code at fullscale
Figure 47. DAC Output AC PSRR vs Frequency
External reference = 2.5 V, DAC code at midscale
Figure 48. DAC Output Noise Density vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com