Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC80504 Datasheet(PDF) 20 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 16Page - Texas Instruments DAC80504 Datasheet HTML 17Page - Texas Instruments DAC80504 Datasheet HTML 18Page - Texas Instruments DAC80504 Datasheet HTML 19Page - Texas Instruments DAC80504 Datasheet HTML 20Page - Texas Instruments DAC80504 Datasheet HTML 21Page - Texas Instruments DAC80504 Datasheet HTML 22Page - Texas Instruments DAC80504 Datasheet HTML 23Page - Texas Instruments DAC80504 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
OUT0
DAC
Register
DAC
Buffer
BUF
Channel 0
Channel 1
Channel 2
Channel 3
Power Down Logic
Resistive Network
Power On Reset
DACx0504
OUT1
OUT2
OUT3
REF
SCLK
SDI
SDO/ALARM
RSTSEL
VDD
DAC
CS
Internal
Reference
VIO
÷1 or ÷2
GAIN
GAIN
×1 or ×2
GND
LDAC
REFDIV
Copyright © 2017, Texas Instruments Incorporated
20
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The DACx0504 is a pin-compatible family of low-power, four-channel, buffered voltage-output digital-to-analog
converters (DACs) with 16-, 14-, and 12-bit resolution. The DACx0504 include a 2.5-V internal reference and
user-selectable gain configuration. providing full-scale output voltages of 1.25 V (gain = ½), 2.5 V (gain = 1), or 5
V (gain = 2). The device operates from a single 2.7 V to 5.5 V supply, is specified monotonic, and provides high
linearity of ±1 LSB INL.
Communication to the DACx0504 is performed through a 4-wire serial interface that supports stand-alone and
daisy-chain operation. The optional frame-error checking provides added robustness to the DACx0504 serial
interface.
The DACx0504 incorporates a power-on-reset circuit and RSTSEL pin that powers up and maintains the DAC
outputs at either zero scale or midscale until a valid code is written to the device.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com