Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC80504 Datasheet(PDF) 44 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 44 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 40Page - Texas Instruments DAC80504 Datasheet HTML 41Page - Texas Instruments DAC80504 Datasheet HTML 42Page - Texas Instruments DAC80504 Datasheet HTML 43Page - Texas Instruments DAC80504 Datasheet HTML 44Page - Texas Instruments DAC80504 Datasheet HTML 45Page - Texas Instruments DAC80504 Datasheet HTML 46Page - Texas Instruments DAC80504 Datasheet HTML 47Page - Texas Instruments DAC80504 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
DAC60504BRTER
WQFN
RTE
16
3000
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
DAC60504BRTERG4
WQFN
RTE
16
3000
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
DAC60504BRTET
WQFN
RTE
16
250
180.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
DAC70504RTER
WQFN
RTE
16
3000
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
DAC70504RTET
WQFN
RTE
16
250
180.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
DAC80504RTER
WQFN
RTE
16
3000
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
DAC80504RTET
WQFN
RTE
16
250
180.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
DAC80504RTETG4
WQFN
RTE
16
250
180.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com