Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC80504 Datasheet(PDF) 31 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 27Page - Texas Instruments DAC80504 Datasheet HTML 28Page - Texas Instruments DAC80504 Datasheet HTML 29Page - Texas Instruments DAC80504 Datasheet HTML 30Page - Texas Instruments DAC80504 Datasheet HTML 31Page - Texas Instruments DAC80504 Datasheet HTML 32Page - Texas Instruments DAC80504 Datasheet HTML 33Page - Texas Instruments DAC80504 Datasheet HTML 34Page - Texas Instruments DAC80504 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
31
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.6.1 NOP Register (address = 0x00) [reset = 0x0000]
Figure 65. NOP Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOP
W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9. NOP Register Field Descriptions
Bit
Field
Type
Reset
Description
15:0
NOP
W
0x0000
No operation. Write 0000h for proper no-operation command
8.6.2 DEVICE ID Register (address = 0x01) [reset = 0x---]
Figure 66. DEVICE ID Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEVICEID
VERSIONID
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 10. DEVICE ID Field Descriptions
Bit
Field
Type
Reset
Description
15:2
DEVICEID
R
----
Device ID:
D15 Reserved - 0
D14:12 Resolution - 000 (16-bit); 001 (14-bit); 010 (12-bit)
D11:4 Channels - 0100 (4 channels)
D7 Reset - Determined by RSTSEL pin. 0 (reset to zero); 1
(reset to midscale)
D6:2 Reserved - 00101
1:0
VERSIONID
R
11
Version ID. Subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com