Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 17Page - STMicroelectronics L9663 Datasheet HTML 18Page - STMicroelectronics L9663 Datasheet HTML 19Page - STMicroelectronics L9663 Datasheet HTML 20Page - STMicroelectronics L9663 Datasheet HTML 21Page - STMicroelectronics L9663 Datasheet HTML 22Page - STMicroelectronics L9663 Datasheet HTML 23Page - STMicroelectronics L9663 Datasheet HTML 24Page - STMicroelectronics L9663 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
DS11401 Rev 6
21/106
L9663
Power supply
105
If an overcurrent condition on PSIx is detected, the current limitation is active and after a
filter time tfilt a fault bit is set and the interface is shut off. In order to switch on again, the
interface must be first switched off by SPI and then switched on, as for over temperature.
The channels’ switch off by overcurrent can be disabled if the corresponding bits
STG_MASK for every channel are set in the SPI registers.
During start up, a configurable blanking time is implemented (128 µs/5 ms/10 ms, see
BLANKING_SEL bits in SPI register); during this time current limitation is active, even
though the interface will not shut off for overcurrent, thermal shutdown is always active, the
PSI5 receiver is disabled, and some fault flags are masked (short to battery, under voltage,
leakage to ground).
The quiescent current is monitored for minimum and maximum value, depending on the
range selected by SPI (CH1_CR1, QC_SEL bits). In failure case the corresponding bit in the
diagnostic register is set (SR2).
The voltage at PSIx is compared with VAS to monitor short to battery condition: if an over
voltage occurs PSIx is disconnected from VAS and the corresponding bit in diagnostic
register is set (STBx in SR2), In over voltage condition also low quiescent current bit is set
(OLx in SR2) after a transient time.
Figure 10. Block diagram Transceiver 1
BH1
BL1
Cb1
VB
ESD
protect
ion
Bootstrap 1
voltage generator for Vsync1
Vsync1
SYNC1
DOUT1
SYNC2
DOUT2
VGS
VAS
PSI1
PSI2
Sync-Pulse
Generator
Undervoltage
detection
Transceiver 2
BH2
BL2
Cb2
Bootstrap 2
Vsync2
VAS pre
regulator
Transceiver 1
Back-to-
Back
Switch
Manchester decoder #1
and data correction
voltage and
current limiter
(voltage switch)
Gate driver
Thermal Shutoff
Shutoff if V_psi1>Vas
SPI-Shutoff
Overcurrent-Shutoff
Data
Registers
GAPG1910151443PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com