Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 36Page - STMicroelectronics L9663 Datasheet HTML 37Page - STMicroelectronics L9663 Datasheet HTML 38Page - STMicroelectronics L9663 Datasheet HTML 39Page - STMicroelectronics L9663 Datasheet HTML 40Page - STMicroelectronics L9663 Datasheet HTML 41Page - STMicroelectronics L9663 Datasheet HTML 42Page - STMicroelectronics L9663 Datasheet HTML 43Page - STMicroelectronics L9663 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
Satellite interface
L9663
40/106
DS11401 Rev 6
3.7.5
Cross coupling test
An automatic hardware based cross-coupling test (XCT) for the PSI interfaces is
implemented and can be triggered by SPI command (Self-Test Setting (STS) Register). Aim
of the test is to monitor the status of PSIx interfaces both in master and slave mode; slave
mode simply checks that when PSIx are switched off the under voltage flag is set, while
master mode implements a Finite State Machine able to schedule several steps (see
description below).
XCT test both in master and slave mode is triggered only if both PSIx interfaces are off.
In case one of the PSI-IFs is already switched on, starting of a XCT will not be possible
and in this case the XCT results register will be reset.
Once XCT test is running, commands to switch the channel on or disable VAS regulator
are ignored by the device.
Once XCT test is running, it cannot be interrupted or stopped by any SPI instruction
except by stop bit within "Abort cross-coupling test" command: in this case, only in
master mode, an "abort" flag will be set (XCT_ABT bit).
While XCT test is running a "busy" flag will be asserted (XCT_RUN bit).
Once XCT test is finished a "done" flag will be asserted (XCT_COMPL).
Flag "busy" is only asserted while XCT test both master and slave mode is ongoing
while "done", "abort", XCTx_R, STB, XCT_STG results are cleared when read via SPI
or when a new XCT start request occurs (both valid or invalid). Please note that
XCT_STG bits are mapped in bits 0 and bit 8 of SR2 register. These bits normally are
real time bits but, as soon as a Master XCT test is completed (and the XCT_COMPL
flag is asserted) the bits 0 and 8 contain the results of the XCT test and keep this value
until results are cleared by reading or by new test start)
Slave Mode (PSIx switched off)
A pulldown current (IXCT) is turned ON for both channels for a 512 µs time in order to
be sure to discharge PSI5 lines
Once PSI5 line is supposed to be discharged (512 µs time elapsed), pull-down current
is switched off on each channel
Check psi1_uv=psi2_uv='1':
Xcoupling_slave PSI1 ok if psi1_uv='1' (test failed otherwise)
Xcoupling_slave PSI2 ok if psi2_uv='1' (test failed otherwise)
Table 9. Doutx test mode bit value
Bit
Name
Description
10
DOUTTP
Test Pattern:
1: Static output set to high on DOUTx, for which test mode is enabled
0: Static output set to low on DOUTx, for which test mode is enabled
9:5
DOUTSEL
Dout Test Mode Selection Bits:
10101: DOUT Test Mode Enabled for DOUT1 Output
10110: DOUT Test Mode Enabled for DOUT2 Output
All other bit patterns: DOUT Test Mode Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com