Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 35Page - STMicroelectronics L9663 Datasheet HTML 36Page - STMicroelectronics L9663 Datasheet HTML 37Page - STMicroelectronics L9663 Datasheet HTML 38Page - STMicroelectronics L9663 Datasheet HTML 39Page - STMicroelectronics L9663 Datasheet HTML 40Page - STMicroelectronics L9663 Datasheet HTML 41Page - STMicroelectronics L9663 Datasheet HTML 42Page - STMicroelectronics L9663 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
DS11401 Rev 6
39/106
L9663
Satellite interface
105
performs a sensor data read operation via SPI, the L9663 returns the SID code to the MCU,
along with the requested sensor data, for the MCU to check.
If the SID is used, a diagnostic bit (G bit) is also present in the SPI frame sent to the MCU.
This bit signals the occurrence of specific faults, namely an under voltage on the VAS
supply, or a parity check fault on a critical register(g) .
The data register containing SID bits and PSI5 sensor data is written with one single access:
data from the Manchester decoder is identified with reference to the time slot counter and
written in the same access when the information of the transmitting sensor is written.
Each failure case, CRC checksum and SID identification mismatch, can be forced via test
SPI commands through STS and STSR register after a special "self test" mode is entered
through an SPI command (see DCR (PROG) register for details).
3.7.3
Buffer empty check
As described in Section 3.3.2, the IC always checks that, after a valid data read, the code
1F0 is written in the buffer.
This feature is the "Buffer Empty check", implemented for safety: if the check fails a Buffer
Empty Fault is asserted and latched (BEx bits in SR2 register) and it is cleared after reading
through SPI.
In order to allow the µC to test this feature at startup or during normal operation, a Test of
buffer empty check is provided in the STSR register (bit0).
If this bit is set, after a read operation the old data is left in the buffer; in this way a buffer
empty fault is set and the µC can test the safety feature.
3.7.4
DOUTx path check
DOUTx paths can be checked against fault conditions through dedicated test SPI register
(STS register).
In order to test the input structures of the connected microcontroller, the L9663 features a
DOUTx test mode that allows test patterns to be applied on the two outputs DOUT1-
DOUT2. The test mode can be entered via SPI and the test patterns can also be controlled
via SPI commands. Test patterns can be composed only of static high or low signals, which
can be selected via SPI. For failsafe reasons only one channel at a time can be switched
into test mode.
g. The fault "clock error" is not included in the G bit because in this case the device enters immediately reset
state, if the bit REACTTIME of ADVSET2 register is '0' (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com