Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 34Page - STMicroelectronics L9663 Datasheet HTML 35Page - STMicroelectronics L9663 Datasheet HTML 36Page - STMicroelectronics L9663 Datasheet HTML 37Page - STMicroelectronics L9663 Datasheet HTML 38Page - STMicroelectronics L9663 Datasheet HTML 39Page - STMicroelectronics L9663 Datasheet HTML 40Page - STMicroelectronics L9663 Datasheet HTML 41Page - STMicroelectronics L9663 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 106 page
background image
Satellite interface
L9663
38/106
DS11401 Rev 6
is compliant to PSI5 standard (short pulse only) if the duration of the trigger is shorter than
5µs.(f)
Figure 21. Short (in case 1 µs < tw < 5 µs) Sync Pulse trigger, compliant to PSI5
standard
3.7
Safety concepts
The IC design is optimized concerning functional safety requirements, thanks to the
following implementations.
3.7.1
Voltage monitoring check
Internal and external voltage critical monitoring structures are automatically tested run-time
while the device is operated. This feature covers the voltage monitors on:
VINTA/D (under/over voltage monitoring)
GNDD loss
VAS (under/over voltage monitoring)
VASSUP over voltage for charge pump disable
VB over voltage for bootstrap disable
PSIx under voltage
PSIx over-temperature
The tests automatically running can highlight a condition of real fault on the application or a
fault within the IC.
3.7.2
Sensor data consistency
Sensor data handling implements a particular safe concept intended to work with the SPI
formats related to passive restraint application (i.e. 10-bit to 16-bit payloads): SID bits and G
bit.
A 5-bit code (SID) can be used to identify sensor data. The external MCU can program a
SID via SPI to be associated to each time slot of a physical interface. When the MCU
f.
For sync pulse triggering via pin see errata n.1822, Section 7: Errata.
t
w
t
thr
SYNCx
PSlx
GAPGPS01680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com