Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 40Page - STMicroelectronics L9663 Datasheet HTML 41Page - STMicroelectronics L9663 Datasheet HTML 42Page - STMicroelectronics L9663 Datasheet HTML 43Page - STMicroelectronics L9663 Datasheet HTML 44Page - STMicroelectronics L9663 Datasheet HTML 45Page - STMicroelectronics L9663 Datasheet HTML 46Page - STMicroelectronics L9663 Datasheet HTML 47Page - STMicroelectronics L9663 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
Diagnosis
L9663
44/106
DS11401 Rev 6
4.4
PSIx reverse voltage monitoring
The PSIx sensor supply lines are monitored to detect a short circuit to battery if the PSIx line
is switched on.
Basic features:
Reverse voltage monitoring with respect to VAS (or VBH during sync pulse) voltage
with filter time
Readable via SPI
Figure 23. Timing for PSIx reverse voltage detection
In case of a detected failure, a failure bit STBx in SR2 register is set to '1' (latched and
cleared upon reading via SPI).
After reset, the failure bit is reset to '0'
4.5
VAS under/over voltage monitoring
The VAS voltage is monitored for under voltage and over voltage.
Basic features:
Under voltage comparator with filter time
Over voltage comparator with filter time
Readable via SPI
Figure 24. Timing for VAS under voltage detection
PSIx reverse voltage threshold
(~VAS)
SPI reverse voltage flag
reverse voltage
shorter than filtertime
reverse voltage
longer than filtertime
U
t
PSIx
GAPG2010151150PS
VAS
VAS undervoltage
threshold
Undervoltage flag
undervoltage shorter
than filtertime
undervoltage longer
than filtertime
U
t
VAS overvoltage
threshold
Overvoltage flag
overvoltage longer
than filtertime
overvoltage shorter
than filtertime
GAPG2010151205PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com