Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 31Page - STMicroelectronics L9663 Datasheet HTML 32Page - STMicroelectronics L9663 Datasheet HTML 33Page - STMicroelectronics L9663 Datasheet HTML 34Page - STMicroelectronics L9663 Datasheet HTML 35Page - STMicroelectronics L9663 Datasheet HTML 36Page - STMicroelectronics L9663 Datasheet HTML 37Page - STMicroelectronics L9663 Datasheet HTML 38Page - STMicroelectronics L9663 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
DS11401 Rev 6
35/106
L9663
Satellite interface
105
The interface can be configured both in asynchronous and synchronous mode (in the
second case, the number of bits must be the same for all the timeslots). The accepted
configuration for init data is based on 20 total bits, as follows:
16 data bits
1 status bit
3 frame control
3.4
Upstream data buffer
Basic features:
Adapts the signals delivered by Sync Pulse Timer block in order to make possible a
bidirectional communication ECU to sensor
Generates the trigger signal necessary for an event triggered sync pulse
Provides the Sync Pulse Trigger signal to the Sync Pulse Generator
Figure 20. ECU to sensor communication diagram
The synchronization bits in the ECU to sensor communication must be programmed in the
upstream data buffer by the microcontroller.
The upstream data buffer has 64 bits. The clock for the register is the output of the Sync
Pulse Timer together with the trigger commands via SPI. After each request for a sync
pulse, the register is shifted by one and the last bit is fed into the sync pulse trigger
generator.
Depending on the data length, only a part of the upstream data buffer is used. After the
writing of the relevant part of the buffer, the µC writes the upstream data confirm bit in the
UDBCR register (bit UDBx_RDY). After this confirmation, the trigger source can start the
communication. If these data are sent, the upstream data buffer is ready for new data. This
is indicated by the SPI flag UDBx_BUSY='0'. If new data is written to the buffer while
UDBx_BUSY is still '1', the write command is ignored and the error flag UDBx_FLT is set.
Sync pulse timer
-Timer triggerred mode
SPI sync pulse
masking
Sync pulse
gen.
shift trigger
Upstream databuffer
63
0
Sync lenght
Data from microcontroller
SPI event
triggered
Direct IF event
triggered
GAPG2710151614PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com