Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 19Page - STMicroelectronics L9663 Datasheet HTML 20Page - STMicroelectronics L9663 Datasheet HTML 21Page - STMicroelectronics L9663 Datasheet HTML 22Page - STMicroelectronics L9663 Datasheet HTML 23Page - STMicroelectronics L9663 Datasheet HTML 24Page - STMicroelectronics L9663 Datasheet HTML 25Page - STMicroelectronics L9663 Datasheet HTML 26Page - STMicroelectronics L9663 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 106 page
background image
DS11401 Rev 6
23/106
L9663
Power supply
105
Figure 11. Internal oscillator vs external clock frequency
If the CLKIN is stuck the device behavior is shown in the figure below: in this case during the
detection time the tolerance is still inside the 1% tolerance until the device enters reset
(T_CKERD max 260 µs).
Figure 12. FLL clock error detection
Malfunction detecting area
15.84
16.16
16
possible detection
Grey zone:
Possible detection
Grey zone:
No-malfunction detecting area
out of specification
No-malfunction detecting area
spec. condition (1% accuracy)
No-malfunction detecting area
Malfunction
detecting area
out of specification
CLKIN [MHz]
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
GAPG2710151131PS
VB
POR
RST_CKER
T_CKMSK
16 MHz ± 5%
16 MHz ± 1%
T_CKERD
CLK
RESETN
CLKIN
CLKIN_CFG
CKER_DETECT
CLK_FLT
GAPG2710151214PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com