Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 29Page - STMicroelectronics L9663 Datasheet HTML 30Page - STMicroelectronics L9663 Datasheet HTML 31Page - STMicroelectronics L9663 Datasheet HTML 32Page - STMicroelectronics L9663 Datasheet HTML 33Page - STMicroelectronics L9663 Datasheet HTML 34Page - STMicroelectronics L9663 Datasheet HTML 35Page - STMicroelectronics L9663 Datasheet HTML 36Page - STMicroelectronics L9663 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
DS11401 Rev 6
33/106
L9663
Satellite interface
105
As safety feature, the IC always checks that after a valid data read the code 1F0 is written in
the buffer.
If this check fails a Buffer Empty Fault is latched (BEx bits in SR2 register) and it's cleared
after SPI read. Buffer empty fault asserts also Global Status Bit.
In order to allow the µC to test this feature a test of buffer empty check is implemented (see
Section 3.7.3
and STSR register for details).
3.3.3
Interrupt generator
The microcontroller interrupt module describes the function of the interrupt pins to generate
a microcontroller interrupt if the data buffers are filled with sensor data.
Basic features:
Configurable interrupt pins
Interrupt generation when data buffer is full
The interrupt pins generate an interrupt for the microcontroller if the receive buffer
corresponding to a transceiver interface is filled completely: the interrupt pin is then reset
when the receive buffer is empty.
Asynchronous operation:
The interrupt pin is set to high when the number of received data since the last reading of
register is as large as the size of the receive buffer. The interrupt pin is set to low when all
the buffers are empty.
Synchronous operation:
The interrupt pin is set to high when all the buffers configured by SPI are full. The interrupt
pin is set to low when all the buffers are empty.
Figure 18. Block diagram with interrupt pins
After reset, the output pin is configured as DOUTx.
3.3.4
Automatic storage of sensor initialization data
If the sensor uses a data range initialization procedure and the PSI5 payload is 20 bit with 3
frame control bits, 1 status bit, 16 bit data, the device can be configured so that the
initialization data is stored in the transceiver IC and can be read via SPI.
In case of serial messaging method, the data must be extracted at application layer.
GAPGPS01677
Doutx/Interruptx
SPI programming
multiplexer
Interruptx
RxDx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com