Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952GXP Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 40Page - STMicroelectronics L9952GXP Datasheet HTML 41Page - STMicroelectronics L9952GXP Datasheet HTML 42Page - STMicroelectronics L9952GXP Datasheet HTML 43Page - STMicroelectronics L9952GXP Datasheet HTML 44Page - STMicroelectronics L9952GXP Datasheet HTML 45Page - STMicroelectronics L9952GXP Datasheet HTML 46Page - STMicroelectronics L9952GXP Datasheet HTML 47Page - STMicroelectronics L9952GXP Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Electrical characteristics
L9952GXP
44/68
Doc ID 13518 Rev 6
Table 24.
LIN transmitter (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
LIN
LIN transmitter
7.12.20
VLINdom
LIN voltage level in
dominant state
VTxD = VTxDlow
ILIN = 40mA
1.2
V
7.12.21
VLINrec
LIN voltage level in
recessive state
VTxD = VTxDhigh
ILIN = 10µA
0.8
Vs
V
7.12.22
RLINup
LIN output pull up
resistor
VLIN = 0V
20
40
60
k
Ω
Table 25.
LIN timing
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
LIN timing
7.12.24
tTXpd_sym
Symmetry of
transmitter
propagation delay
time (rising vs.
falling edge)
tTXpd_sym =
= tTXpdr – tTXpdf
Vs=12V,
Rbus Cbus:
1 k
Ω, 1 nF
-2.5
-
2.5
µs
7.12.25
tRXpd
Receiver
propagation delay
time
tRXpd =
= max (tRXpdr tRXpdf)
tRXpdf =
=t(0.5RXD)-t(0.45 VLin)
tRXpdr =
=t(0.5RXD)-t(0.55 VLin)
Crxd = 20pF
Vs = 12V,
Rbus Cbus:
1 k
Ω, 1 nF;
660
Ω, 6.8 nF;
500
Ω,10 nF
-6
µs
7.12.26
tRXpd_sym
Symmetry of
receiver
propagation delay
time (rising vs.
falling edge)
tRXpd_sym =
= tRXpdr – tRXpdf
-2
-
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com