Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952GXP Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 25Page - STMicroelectronics L9952GXP Datasheet HTML 26Page - STMicroelectronics L9952GXP Datasheet HTML 27Page - STMicroelectronics L9952GXP Datasheet HTML 28Page - STMicroelectronics L9952GXP Datasheet HTML 29Page - STMicroelectronics L9952GXP Datasheet HTML 30Page - STMicroelectronics L9952GXP Datasheet HTML 31Page - STMicroelectronics L9952GXP Datasheet HTML 32Page - STMicroelectronics L9952GXP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
L9952GXP
ESD protection
Doc ID 13518 Rev 6
29/68
5
ESD protection
Table 6.
ESD protection
Parameter
Value
Unit
All pins, except LIN(1)
1.
HBM (human body model, 100pF, 1.5 k
Ω ) according to MIL 883C, Method 3015.7 or EIA/JESD22A114-A
+/- 2
kV
All output pins(2)
2.
HBM with all none zapped pins grounded
+/- 4
kV
LIN(3)
3.
Without external components
+/- 1.5
kV
LIN(4)
4.
Acc. DIN EN61000-4-2 (330
Ω, 150pF), with external components:
- Diode, type ESDLIN1524BJ
- SMD Ferrite bead, type TDKMMZ2012Y202B
- Capacitor C=220pF
For detailed information please see EMC report from IBEE Zwickau (available on request)
+/- 8
kV
All pins (charge device model)
+/- 500
V
Corner pins (charge device model)
+/- 750
V
All pins(5)
5.
Acc. Machine Model: C=220pF; L=0.75µH; R=10
Ω
+/- 200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com