Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952GXP Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 48Page - STMicroelectronics L9952GXP Datasheet HTML 49Page - STMicroelectronics L9952GXP Datasheet HTML 50Page - STMicroelectronics L9952GXP Datasheet HTML 51Page - STMicroelectronics L9952GXP Datasheet HTML 52Page - STMicroelectronics L9952GXP Datasheet HTML 53Page - STMicroelectronics L9952GXP Datasheet HTML 54Page - STMicroelectronics L9952GXP Datasheet HTML 55Page - STMicroelectronics L9952GXP Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
Electrical characteristics
L9952GXP
52/68
Doc ID 13518 Rev 6
Figure 17.
SPI - Edges timing
Tf
CLK
Tr
CLK
CLK
0.8 Vcc
0.5 Vcc
0.2 Vcc
DO
(low to high
0.8 Vcc
0.2 Vcc
Tr
DO
Td
DO
0.8 Vcc
0.2 Vcc
Tf
DO
DO
(high to low
Tf
CSN
Tr
CSN
CSN
0.8 Vcc
0.5 Vcc
0.2 Vcc
50 %
50 %
Ten
DO_tri_L
Ten
DO_tri_H
Tdis
DO_L_tri
Tdis
DO_H_tri



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com