Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952GXP Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 30Page - STMicroelectronics L9952GXP Datasheet HTML 31Page - STMicroelectronics L9952GXP Datasheet HTML 32Page - STMicroelectronics L9952GXP Datasheet HTML 33Page - STMicroelectronics L9952GXP Datasheet HTML 34Page - STMicroelectronics L9952GXP Datasheet HTML 35Page - STMicroelectronics L9952GXP Datasheet HTML 36Page - STMicroelectronics L9952GXP Datasheet HTML 37Page - STMicroelectronics L9952GXP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Electrical characteristics
L9952GXP
34/68
Doc ID 13518 Rev 6
7
Electrical characteristics
7.1
Supply and supply monitoring
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V < VS < 18V; 4.8V < V1 < 5.2V; all outputs open; Tj = -40°C...130°C,
unless otherwise specified.
Table 10.
Supply and supply monitoring
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
7.1.1
VS
Supply voltage range
6
13.5
18
V
7.1.2
VSUV
VS UV-threshold voltage
VS increasing /
decreasing
5.11
5.81
V
7.1.3
Vhyst_UV
Undervoltage hysteresis
0.04
0.1
0.15
V
7.1.4
VSOV
VS OV-threshold voltage
VS increasing /
decreasing
18
22
V
7.1.5
Vhyst_OV
Overvoltage hysteresis
Hysteresis
0.5
1
1.5
V
7.1.6
IV(act)
Current concumption in
active mode
Vs=12V, TxD LIN
high, V2 on,
Outputs off
Iv1=Iv2=0A
2.7
20
mA
7.1.7
IV(BAT)
Current consumption in
VBAT - standby mode
VS=12V, both
voltage regulators
deactivated, no
wake-up request
17
10
µA
7.1.8
IV(BAT)CS
Current consumption in
VBAT - standby mode
VS=12V, both
voltage regulators
deactivated, (cyclic
sense)
40
75
100
µA
7.1.9
IV(V1)
Current consumption in
V1-standby mode
V1=5V, VS=12V,
Voltage regulator
V1 active, without
cyclic sense, no
wake-up request
10
45
70
µA
7.1.10
IV(BATWU)
Current consumption in
VBAT-standby mode with a
pending wake up request
1.5V<VWU<(Vs-3V)
220
320
µA
7.1.11
IV(V1WU)
Current consumption in
V1- standby mode with a
pending wake up request
1.5V<VWU<(Vs-3V)
300
410
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com