Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952GXP Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 32Page - STMicroelectronics L9952GXP Datasheet HTML 33Page - STMicroelectronics L9952GXP Datasheet HTML 34Page - STMicroelectronics L9952GXP Datasheet HTML 35Page - STMicroelectronics L9952GXP Datasheet HTML 36Page - STMicroelectronics L9952GXP Datasheet HTML 37Page - STMicroelectronics L9952GXP Datasheet HTML 38Page - STMicroelectronics L9952GXP Datasheet HTML 39Page - STMicroelectronics L9952GXP Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
Electrical characteristics
L9952GXP
36/68
Doc ID 13518 Rev 6
7.5
Voltage regulator V2
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 5.25V < VS < 27V; Tj = -40°C...130°C, unless otherwise specified.
7.4.8
Cload1
Load capacitor1
Ceramic(1)
0.22
µF
7.4.9
tTSD
V1 deactivation time after
thermal shutdown
1
s
7.4.10
ICMP_ris
Current comp. rising
threshold
Rising current
0.9
2.5
4
mA
7.4.11
ICMP_fal
Current comp. falling
threshold
Falling current
Tj= -40°C...130°C
Tj= 25°C...130°C
0.75
0.85
1.95
1.95
mA
7.4.12
ICMP_hys
Current comp. hysteresis
0.5
mA
7.4.13
V1fail
V1 fail threshold
V1 forced
2
V
1.
Placement close to the PAD
Table 13.
Voltage regulator V1 (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 14.
Voltage regulator V2
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
7.5.1
V2
Output voltage
5.0
V
7.5.2
V2
Output voltage tolerance
Active mode
ILOAD = 1mA ...
50mA, VS = 13.5V
+/- 3
%
7.5.3
Vhc1
Output voltage tolerance
Active mode, high current
ILOAD = 50mA ...
100mA, VS = 13,5V
+/- 4
%
7.5.4
VSTB2
Output voltage tolerance in
low current mode
ILOAD = 0uA ...1mA
VS = 13,5V
+/- 5
%
7.5.5
VDP2
Drop-out voltage
ILOAD = 25mA,
VS = 5 V
ILOAD = 50mA,
VS= 5 V
0,3
0.4
0,4
0.7
V
V
7.5.6
ICC2
Output current in Active
mode
Max. continuous
load current
100
mA
7.5.7
ICCmax2
Short circuit output current
Current limitation
200
300
500
mA
7.5.8
Cload
Load capacitor
Ceramic(1)
1.
Placement close to the PAD
0.22
µF
7.5.9
V2fail
V2 fail threshold
V2 forced
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com