Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952GXP Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 24Page - STMicroelectronics L9952GXP Datasheet HTML 25Page - STMicroelectronics L9952GXP Datasheet HTML 26Page - STMicroelectronics L9952GXP Datasheet HTML 27Page - STMicroelectronics L9952GXP Datasheet HTML 28Page - STMicroelectronics L9952GXP Datasheet HTML 29Page - STMicroelectronics L9952GXP Datasheet HTML 30Page - STMicroelectronics L9952GXP Datasheet HTML 31Page - STMicroelectronics L9952GXP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Absolute maximum ratings
L9952GXP
28/68
Doc ID 13518 Rev 6
4
Absolute maximum ratings
Note:
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may
cause an irreversible damage of the integrated circuit !
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage / “jump start”
-0.3 to +28
V
Single pulse / tmax < 400 ms
“transient load dump”
-0.3 to +40
V
V1
Stabilized supply voltage, logic
supply
-0.3 to +5.25
V
V2
Stabilized supply voltage
-0.3 to +28
V
VDI VCLK
VTXD VCSN
VDO VRXD
VNRESET VFSO
VDIGOUT3,4
Logic input / output voltage range
-0.3 to V1+0.3
V
VINH
VPWM1, VPWM2,
VREL1, VREL2,
Wake up input voltage range
PWM input voltage range
Low side output voltage range
-0.3 to +40
V
VOUT1..4,, VOUTH
High side output voltage range
-0.3 to VS + 0.3
V
VWU1...4,
Wake up input voltage range
-0.3 to VS + 0.3
V
VOP1+,VOP1-,
VOP2+, VOP2-,
Opamp1 input voltage range
Opamp2 input voltage range
-0.3 to V1 + 0.3
V
VOPOUT1,
VOPOUT2
Analog Output voltage range
-0.3 to VS + 0.3
V
VLIN, VLINPU
LIN bus I/O voltage range
-20 to +40
V
IInput
Current injection into Vs related
input pins
5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com