Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952GXP Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 27Page - STMicroelectronics L9952GXP Datasheet HTML 28Page - STMicroelectronics L9952GXP Datasheet HTML 29Page - STMicroelectronics L9952GXP Datasheet HTML 30Page - STMicroelectronics L9952GXP Datasheet HTML 31Page - STMicroelectronics L9952GXP Datasheet HTML 32Page - STMicroelectronics L9952GXP Datasheet HTML 33Page - STMicroelectronics L9952GXP Datasheet HTML 34Page - STMicroelectronics L9952GXP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
L9952GXP
Thermal data
Doc ID 13518 Rev 6
31/68
6.3
Package and PCB thermal data
Figure 9.
PowerSSO-36 PC board
Note:
Layout condition of Rth and Zth measurements ( board finish thickness 1.6 mm +/- 10%
board double layer, board dimension 129x60, board Material FR4, Cu thickness 0.070mm
(front and back side), thermal vias separation 1.2 mm, thermal via diameter 0.3 mm +/- 0.08
mm, Cu thickness on vias 0.025 mm ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com