Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9952GXP Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 14Page - STMicroelectronics L9952GXP Datasheet HTML 15Page - STMicroelectronics L9952GXP Datasheet HTML 16Page - STMicroelectronics L9952GXP Datasheet HTML 17Page - STMicroelectronics L9952GXP Datasheet HTML 18Page - STMicroelectronics L9952GXP Datasheet HTML 19Page - STMicroelectronics L9952GXP Datasheet HTML 20Page - STMicroelectronics L9952GXP Datasheet HTML 21Page - STMicroelectronics L9952GXP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Description
L9952GXP
18/68
Doc ID 13518 Rev 6
The watchdog is triggered by toggling the trigger bit (CR0, D19).
Note:
The active trigger window will be reset after each correct trigger write operation.
In case of reset (NReset low for 2ms) the trigger bit is set to “0”.
In case of a WD failure, the outputs (Lsx, Hsx, V2) are switched off and NReset is pulled low
for 2ms.
Writing to control register 0 without inverting the WD trigger bit is possible at any time.
Figure 4.
Watchdog
Watchdog active
With
Normal window
(10ms)
HSD, LSD : according to
CR0
Reset
(Nreset =low for 2ms)
LSD: Off (control bits set to ‚0')
HSD: Off (control bits remain
unchanged)
Watchdog active
with
‚long open window’
(65ms nom )
HS and LS outputs are
off
Watchdog
Inactive
(standby modes,
Flash Mode)
Watchdog Failure (‚long
open window’ passed
without TRIG=1
2ms
Set WD Trigger Bit = ‚1' or
toggle trigger bit if wake-up
from V1standby
Set
WD Trigger Bit = ‚0' or write
non-inverting value to trigger
bit after wake-up from
V1standby mode
Go to standby mode or
Flash Mode (PWM2>9V)
Go to standby mode
or Flash Mode (PWM2>9V)
Power-on
Reset
Toggle WD Trigger Bit
Within nominal window
Wake-up event
or exit Flash Mode
V1 off
for 200 ms
8x WD Failure
Watchdog Failure
Vbatstdby
Mode
8+7
WD Failures
Wake up event
t=200ms
INH, LIN, SPI
I(V1)>1mA and ICMP=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com