Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5F Datasheet(PDF) 57 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 57 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 53Page - STMicroelectronics VNF9D5F Datasheet HTML 54Page - STMicroelectronics VNF9D5F Datasheet HTML 55Page - STMicroelectronics VNF9D5F Datasheet HTML 56Page - STMicroelectronics VNF9D5F Datasheet HTML 57Page - STMicroelectronics VNF9D5F Datasheet HTML 58Page - STMicroelectronics VNF9D5F Datasheet HTML 59Page - STMicroelectronics VNF9D5F Datasheet HTML 60Page - STMicroelectronics VNF9D5F Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
Synchronous mode in DC condition
This mode (PWM with 100% duty cycle) is equivalent to the asynchronous mode.
Table 40. ADC Configurations registers
SOCrx DIx DutyCrx SPCR1, 0
Conversion Mode
Feedback type
1
X
X
00
Synchronous triggered by falling edge on the internal PWM signal Output current
1
X
X
01
Synchronous triggered by rising edge on the internal PWM signal Output current
1
X
X
10
Asynchronous with continuous sampling
Output current
1
X
X
11
Asynchronous with continuous sampling and digital LP filter
Output current
0
1
X
X
(Fail Safe mode)
Asynchronous with continuous sampling
Output current
X
X
X
X
Tframe conversion
(Always lower priority than current sampled modes)
Tframe sensor voltage
5.2
Integrated LP (progressive average) filter
In asynchronous mode, when the filtered mode is selected through the dedicated bits “SPCR1 = 1” and “SPCR0 =
1”, the integrated LP filter is activated. This component will filter the data coming from the ADC conversion
reducing the effect of random noise coming from the analog Current Sense amplifier.
Features of the integrated LP filter:
•
1st order decimating filter on 16 samples.
•
1st result after 1 sample with progressive averaging of 16 successive samples.
dataN = dataN−1*1516+datai/16
(1)
•
Continue to accumulate samples during PWM with SOCR = 1.
•
Keep digitalized value when the channel is turned off.
VNF9D5F
Diagnostic
DS13946 - Rev 8
page 57/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com