Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5F Datasheet(PDF) 62 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 62 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 58Page - STMicroelectronics VNF9D5F Datasheet HTML 59Page - STMicroelectronics VNF9D5F Datasheet HTML 60Page - STMicroelectronics VNF9D5F Datasheet HTML 61Page - STMicroelectronics VNF9D5F Datasheet HTML 62Page - STMicroelectronics VNF9D5F Datasheet HTML 63Page - STMicroelectronics VNF9D5F Datasheet HTML 64Page - STMicroelectronics VNF9D5F Datasheet HTML 65Page - STMicroelectronics VNF9D5F Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
6
Programmable blanking window (PBW)
Dedicated registers (CHLOFFTCR0) per channel provide a variable and programmable blanking window in case
of power limitation or overtemperature event. During this period, the corresponding channel is in auto-restart
mode and the channel is allowed to stay in power-limitation and/or overtemperature state. Once the blanking time
has expired, the channel is latching off if the cause of the power limitation or overtemperature event is still
present. In this case the channel latches off and the related flag in the latch-off error register (CHLOFFSR) is set.
Latch-off flag is also reported in the Global Status Byte (see Global Status byte description).
If during the blanking time the cause of power limitation and/or overtemperature event disappears, the timer stops
then the rest of the blanking time will be available for another power limitation and/or overtemperature event.
Therefore it is up to MCU to reset the timer by refreshing the programmed value in the dedicated register
(CHLOFFTCR0).
MCU can keep the device in auto-restart forever artificially, by refreshing the programmed blanking time.
6.1
Timer
The 4-bit value per channel written in the register CHLOFFTCR0 is translated internally into an 8-bit value. The
four MSB of this 8-bit value correspond to the content of CHLOFFTCRx register, while the four LSB are filled with
0xF. The 8-bit value refers to an analogue timer value.
Figure 31. Internal timer process
ch1
ch1
ch1
ch1
ch0
ch0
ch0
ch0
CHLOFFTCRx register
n1
1
n2
n3
n4
1
1
1
m1
m2
m3
m4
1
1
1
The granularity of the 8-bit counter is tSTEP. At each power limitation or overtemperature event, the 8-bit counter is
decreased by the number of steps equal to the duration of power limitation or overtemperature event. If power
limitation or overtemperature phase lasts for less than tSTEP the counter is decreased by one step.
After each downcount of the 8-bit register, the 4 MSB bits will be transferred to the 4 bits of the corresponding
CHLOFFTCRx register in order to refresh this register to the new value of the timer. The microcontroller can read
only the 4 MSB bits content of the register. In consequence, the microcontroller can detect a change of every 16
steps of downcounting.
The Timer down-counts, if the flag is set as the consequence of the event of power limitation or overtemperature.
At the end of the timer’s step, the flag is checked. It will be reset if the event is not present.
The Timer stops down-counting, each time the event has disappeared, or if the channel is turned into OFF state.
This option doesn't include the one step down-counting if the flag is set for the first time.
If the event is not present, the Timer will stop down-counting and will reset the flag.
In case the Timer reaches the ZERO, the system goes to the latching off state and the related flag in the latch-off
error register is set.
Downcounting is stopped and the content of the 8-bit counter is frozen, when the channel is commanded off
through the Direct Input or the SOCR register. The Timer can stay with an already down-counted value for a long
time. It is up to the MCU to reset it.
MCU can keep the device in auto-restart mode forever artificially, by refreshing the timer register value so not to
reach Zero.
The Figure 32 is related to the one timer step. The actions are performed after the rising and falling edges.
VNF9D5F
Programmable blanking window (PBW)
DS13946 - Rev 8
page 62/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com