Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5F Datasheet(PDF) 72 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 72 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 68Page - STMicroelectronics VNF9D5F Datasheet HTML 69Page - STMicroelectronics VNF9D5F Datasheet HTML 70Page - STMicroelectronics VNF9D5F Datasheet HTML 71Page - STMicroelectronics VNF9D5F Datasheet HTML 72Page - STMicroelectronics VNF9D5F Datasheet HTML 73Page - STMicroelectronics VNF9D5F Datasheet HTML 74Page - STMicroelectronics VNF9D5F Datasheet HTML 75Page - STMicroelectronics VNF9D5F Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VREG_POR_L
Power-on shutdown threshold.
Device enters sleep mode. Supply
of digital part in shutdown.
VREG decreasing; VCC > VUSD
1.4
1.9
2.4
V
VREG_POR_HYST Power-on reset hysteresis
0.15
V
IVREG(1)
Digital part supply current during
temporary battery disconnection
SPI active without frame
communication
-1.5
mA
IVREG_OUT
IVREG during transient external
capacitor charging
VREG increasing; VCC > VUSD
35
55
mA
SDI, SCK, PWM_CLK pins
IIL
Low level Input current
VSDI,SCK,PWM_CLK = 0.3 VDD
1
10
µA
IIH
High level Input current
VSDI,SCK,PWM_CLK = 0.7 VDD
1
10
µA
VIL
Input low voltage
0.3 VDD
V
VIH
Input high voltage
0.7 VDD
V
VI_HYST
Input hysteresis voltage
0.5
V
VSDI_CL
SDI clamping voltage
IIN = 1 mA
6
8.2
V
VSDI_CL
SDI clamping voltage
IIN = -1 mA
-0.7
V
VSCK_CL
SCK clamping voltage
IIN = 1 mA
6
8.2
V
IIN = -1 mA
-0.7
V
VPWM_CLK
PWM_CLK clamping voltage
IIN = 1 mA
6
8.2
V
IIN = -1 mA
-0.7
V
SDO pin
VOL
Output low voltage
ISDO = -5 mA; CSN low; fault condition
0.2 VDD
V
VOH
Output high voltage
ISDO = 5 mA; CSN low; no fault
condition
0.8 VDD
V
ILO
Output leakage current
VSDO = 0 V or VDD, CSN high
-5
5
µA
CSN pin
IIL_CSN
Low level Input current
VCSN = 0.3 VDD
-10
µA
IIH_CSN
High level Input current
VCSN = 0.7 VDD
-1
µA
VIL_CSN
Output low voltage
0.3 VDD
V
VIH_CSN
Output high voltage
0.7 VDD
V
VHYST_CSN
Input hysteresis voltage
0.5
V
VCL_CSN
CSN clamping voltage
IIN = 1 mA
6
8.2
V
IIN = -1 mA
-0.7
V
1. Parameter evaluated by characterization, not tested in production.
Table 50. AC characteristics (SDI, SCK, CSN, SDO)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
COUT(1)
Output capacitance (SDO)
VOUT = 0 V to 5 V
-
-
10
pF
CIN(1)
Input capacitance (SDI)
VIN = 0 V to 5 V
-
-
10
pF
Input capacitance (other pins)
VIN = 0 V to 5 V
-
-
20
pF
1. Parameter specified by design, not tested in production.
VNF9D5F
Electrical specifications
DS13946 - Rev 8
page 72/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com