Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5F Datasheet(PDF) 67 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 67 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 63Page - STMicroelectronics VNF9D5F Datasheet HTML 64Page - STMicroelectronics VNF9D5F Datasheet HTML 65Page - STMicroelectronics VNF9D5F Datasheet HTML 66Page - STMicroelectronics VNF9D5F Datasheet HTML 67Page - STMicroelectronics VNF9D5F Datasheet HTML 68Page - STMicroelectronics VNF9D5F Datasheet HTML 69Page - STMicroelectronics VNF9D5F Datasheet HTML 70Page - STMicroelectronics VNF9D5F Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
8
Parallel mode
Parallel mode may be enabled by setting the corresponding OTP bit to 1 (by default, it is disabled).
During parallel mode CH0 and CH1 are driven by the only DIx associated to CH0 (depending on DIx assignment
logic configured through OTP).
When this bit is set high, CH1 control register bits are automatically linked to CH0 values, thus CH1 is
programmed exactly as CH0. This means that:
•
Every control command addressed to CH0 is reflected also to CH1.
•
Every control command addressed to CH1 is ignored.
•
Every configuration set addressed to CH0 is reflected also to CH1.
•
Every configuration set addressed to CH1 is ignored.
•
LED mode is disabled for CH0 and CH1.
•
Each channel protection is separated and active, and their triggering impacts both channels (for instance, a
thermal shutdown event on CH1 turns off CH0 and CH1 at the same time).
•
Each channel diagnostic stays separate on their own registers.
•
Current sense architectures stay separate as well as ADC conversions.
•
Harness protection is active, merged, and adapted to parallel mode:
–
tNOM as per the one programmed for CH0.
–
INOM setting for both channels come from CH0 one (the INOM table is automatically doubled).
Parallel mode cannot ensure double energy capability due to the natural difference between the clamp structures.
Thus, an external free wheeling diode is suggested when enabling this function. For further information refer to
the related 'Application note'.
When parallel mode is selected, only the bulb functionality is available (LED mode is internally disabled, whatever
is the logic state of this bit).
VNF9D5F
Parallel mode
DS13946 - Rev 8
page 67/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com