Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 40Page - STMicroelectronics STPM01_V01 Datasheet HTML 41Page - STMicroelectronics STPM01_V01 Datasheet HTML 42Page - STMicroelectronics STPM01_V01 Datasheet HTML 43Page - STMicroelectronics STPM01_V01 Datasheet HTML 44Page - STMicroelectronics STPM01_V01 Datasheet HTML 45Page - STMicroelectronics STPM01_V01 Datasheet HTML 46Page - STMicroelectronics STPM01_V01 Datasheet HTML 47Page - STMicroelectronics STPM01_V01 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Theory of operation
STPM01
44/60
Doc ID 10853 Rev 8
1.
activate SYN first in order to latch the results;
2.
after at least 1µs activate SCS;
3.
write one byte to the transmitter of SPI (this will produce 8 pulses on SCL with SDI=1);
4.
deactivate SYN;
5.
optionally read the data records (the sequence of reading will be altered;
6.
deactivate SCS;
Permanent writing of the CFG bits
In order to make a permanent set of some CFG bits, the following procedure should be
conducted:
1.
collect all addresses of CFG bits to be permanently set into some list;
2.
clear all OTP shadow latches;
3.
set the system signal RD;
4.
connect a current source of at least +14 V, 1 mA to 3 mA to VOTP;
5.
wait for VOTP voltage is stable;
6.
set one OTP shadow latch from the list;
7.
set the system signal WE;
8.
wait for 300 µs;
9.
clear the system signal WE;
10. clear the OTP shadow latch which was set in step 6;
11. until all wanted CFG bits are permanently set, repeat steps 5 to 11;
12. disconnect the current source;
13. wait for VOTP voltage is less than 3 V;
14. clear the system signal RD;
15. read all data records, in the last two of them there is read back of CFG bits;
16. if verification of CFG bits fails and there is still chance to pass, repeat steps 1 to 16.
For steps of set or clear apply the timing shown in Figure 27 with proper signal on the
SDATD. For step 15 apply the timing shown in Figure 26.
For permanent set of the TSTD bit, which will cause no more writing to the Configuration
bits, the procedure above must be conducted in such way that steps 6 to 13 are performed
in series during single period of active SCS because the idle state of SCS would make the
signal TSTD immediately effective which in turn, would abort the procedure and possibly
destroy the device due to clearing of system signal RD and so, connecting all gates of 3V
NMOS sense amplifiers of already permanently set CFG bits to the VOTP source.
8.24
Energy calculation algorithm
Inside the STPM01 the computing section of the measured active power uses a completely
new signal patented process approach. This approach allows the device to reach high
performances in terms of accuracy.
The signals, coming from the sensors, for the instantaneous voltage:
Equation 2
v(t) = V•sin
ωt; where V is the peak voltage and ω is related to the line frequency
and the instantaneous current:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com