Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 22Page - STMicroelectronics STPM01_V01 Datasheet HTML 23Page - STMicroelectronics STPM01_V01 Datasheet HTML 24Page - STMicroelectronics STPM01_V01 Datasheet HTML 25Page - STMicroelectronics STPM01_V01 Datasheet HTML 26Page - STMicroelectronics STPM01_V01 Datasheet HTML 27Page - STMicroelectronics STPM01_V01 Datasheet HTML 28Page - STMicroelectronics STPM01_V01 Datasheet HTML 29Page - STMicroelectronics STPM01_V01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
Theory of operation
STPM01
26/60
Doc ID 10853 Rev 8
samples, called B and A respectively, the criteria of tamper is calculated and the channel
with higher current is selected, resulting in a new tamper state. If four consecutive new
results of criteria happen, i.e. after elapsed 5.12 s at 50 Hz, the meter will enter into tamper
state. Thus, the channel with the higher current will be selected for the energy calculation. If
samples of power A and B would have different signs, the Tamper would be on all the time
but, the channel with bigger power would be still selected for the final integration of energy.
If a tamper status has been detected, the multiplex ratio will be 56:8 if the primary channel
energy is greater than the secondary one, otherwise it will be 8:56.
The detected tamper condition is stored in the BIT status bit. If BIT = 0 tamper is not
detected, if BIT = 1 a tamper condition has been detected. In standalone mode the BIT flag
is also available in the SDATD pin.
8.11
Phase compensation
The STPM01 is does not introduce any phase shift between voltage and current channel.
However, the voltage and current signals come from transducers, which could have inherent
phase errors. For example, a phase error of 0.1° to 0.3° is not uncommon for a current
transformer (CT). These phase errors can vary from part to part, and they must be corrected
in order to perform accurate power calculations. The errors associated with phase mismatch
are particularly noticeable at low power factors. The STPM01 provides a means of digitally
calibrating these small phase errors through a introducing delays on the voltage or current
signal. The amount of phase compensation can be set using the 4 bits of the phase
calibration register (CPH).
The default value of this register is at value of 0 which gives 0° phase compensation. When
the 4 bits give a CPH of 15 (1111) the introduced compensation is +0.576°. This
compensates the phase shift usually introduced by the current sensor, while the voltage
sensor, normally a resistor divider, does not introduce any delay. The resolution step of the
phase compensation is 0.038°.
8.12
Clock generator
All the internal timing of the STPM01 is based on the CLKOUT signal. This signal can be
generated in three different ways:
1.
RC: this oscillator mode can be selected using the RC configuration bit. If RC = 1 the
STPM01 will run using the RC oscillator. A resistor connected between CLKIN and
ground will set the RC current. For 4 MHz operation the suggested settling resistor is
12 k
Ω; The oscillator frequency can be compensated using the CRC configuration bit
(see Table 16)
2.
Quartz: If RC = 0 the oscillator will work with an external crystal. The suggested circuit
is depicted in Figure 20;
3.
External clock: keeping RC=0, it is also possible to feed the CLKOUT pin with an
external oscillator signal
The clock generator is powered from analog supply and is responsible for two tasks. The
first one is to retard the turn on of some function blocks after POR in order to help smooth
start of external power supply circuitry by keeping off all major loads.
The second task of the clock generator is to provide all necessary clocks for analog and
digital parts. Within this task, the MDIV configuration bit is used to inform the device about



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com